Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1117T Datasheet(PDF) 5 Page - Alpha Industries

Part # AS1117T
Description  800mA Low Dropout Regulator SCSI-II Active Terminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS1117T Datasheet(HTML) 5 Page - Alpha Industries

  AS1117T Datasheet HTML 1Page - Alpha Industries AS1117T Datasheet HTML 2Page - Alpha Industries AS1117T Datasheet HTML 3Page - Alpha Industries AS1117T Datasheet HTML 4Page - Alpha Industries AS1117T Datasheet HTML 5Page - Alpha Industries AS1117T Datasheet HTML 6Page - Alpha Industries AS1117T Datasheet HTML 7Page - Alpha Industries AS1117T Datasheet HTML 8Page - Alpha Industries AS1117T Datasheet HTML 9Page - Alpha Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Alpha Semiconductor Inc. 1031 Serpentine Lane. Pleasanton, CA 94568 Tel: (925) 417-1391 Fax: (925) 417-1390
Rev. 9/14/99
AS1117
PACKAGE DRAWING
TO-263-3L (T)
0.103 BSC
0.050 (1.270)
0.600 +- 0.025
0.405
0.005
0.055 (1.397)
(10.287
0.127)
±
±
0.356
0.005
(9.042
0.127)
±
±
(15.24 0.635)
±
(2.616)
0.032 +- 0.001
(0.813
0.025)
+
-
0.176 0.005
0.050 0.002
0.015 +- 0.003
0° 8°
(0.381
0.074)
+
-
0.100
0.010
(2.540
0.254)
±
±
(4.470
0.127)
±
(1.270
0.051)
±
±
±


Similar Part No. - AS1117T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1117 AMSCO-AS1117 Datasheet
1Mb / 24P
   64 LED Driver for Mobile Applications with Error Detection
AS1117-BQFT AMSCO-AS1117-BQFT Datasheet
1Mb / 24P
   64 LED Driver for Mobile Applications with Error Detection
More results

Similar Description - AS1117T

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM1117 CALOGIC-CLM1117 Datasheet
47Kb / 4P
   800mA Low Dropout Regulator SCSI-II Active Terminator
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
   SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204 Datasheet
28Kb / 4P
   SCSI-II Active Terminator Preliminary Information
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com