Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ABT646 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT646
Description  Octal Transceivers and Registers with TRI-STATE Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT646 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54ABT646 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Connection Diagrams (Continued)
Inputs
Data I/O
(Note 1)
Function
OE
DIR
CPAB
CPBA
SAB SBA A
0–A7
B
0–B7
H
X
H or L
H or L
X
X
Isolation
HX
N
X
X
X
Input
Input
Clock A
n Data into A Register
HX
X
N
X
X
Clock B
n Data into B Register
LH
X
X
L
X
A
n to Bn — Real Time (Transparent Mode)
LH
N
X
L
X
Input
Output
Clock A
n Data into A Register
L
H
H or L
X
H
X
A Register to B
n (Stored Mode)
LH
N
X
H
X
Clock A
n Data into A Register and Output to Bn
LL
X
X
X
L
B
n to An — Real Time (Transparent Mode)
LL
X
N
X
L
Output
Input
Clock B
n Data into B Register
L
L
X
H or L
X
H
B Register to A
n (Stored Mode)
LL
X
N
X
H
Clock B
n Data into B Register and Output to An
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
N = LOW-to-HIGH Transition
Note 1: The data output functions may be enabled or disabled by various signals at the OE and DIR inputs. Data input functions are always enabled; i.e., data at
the bus pins will be stored on every LOW-to-HIGH transition of the appropriate clock inputs.
Real Time Transfer
A-Bus to B-Bus
DS100209-5
FIGURE 1.
Real Time Transfer
B-Bus to A-Bus
DS100209-6
FIGURE 2.
Storage from
Bus to Register
DS100209-7
FIGURE 3.
Transfer from
Register to Bus
DS100209-8
FIGURE 4.
3
www.national.com


Similar Part No. - 54ABT646

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT646E-QML NSC-54ABT646E-QML Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT646J-QML NSC-54ABT646J-QML Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT646W-QML NSC-54ABT646W-QML Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - 54ABT646

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT652 NSC-54ABT652 Datasheet
361Kb / 17P
   Octal Transceivers and Registers with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ABT652 FAIRCHILD-74ABT652 Datasheet
92Kb / 10P
   Octal Transceivers and Registers with 3-STATE Outputs
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
National Semiconductor ...
MN54ABT646-X NSC-MN54ABT646-X Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT16646 NSC-54ABT16646 Datasheet
157Kb / 8P
   16-Bit Transceivers and Registers with TRI-STATE Outputs
logo
Texas Instruments
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI1-SN54ALS646_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com