Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT6007LFG Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMT6007LFG
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT6007LFG Datasheet(HTML) 3 Page - Diodes Incorporated

  DMT6007LFG Datasheet HTML 1Page - Diodes Incorporated DMT6007LFG Datasheet HTML 2Page - Diodes Incorporated DMT6007LFG Datasheet HTML 3Page - Diodes Incorporated DMT6007LFG Datasheet HTML 4Page - Diodes Incorporated DMT6007LFG Datasheet HTML 5Page - Diodes Incorporated DMT6007LFG Datasheet HTML 6Page - Diodes Incorporated DMT6007LFG Datasheet HTML 7Page - Diodes Incorporated DMT6007LFG Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMT6007LFG
Document number: DS37335 Rev. 2 - 2
3 of 8
www.diodes.com
November 2015
© Diodes Incorporated
DMT6007LFG
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
0.8
2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
4.5
6
m
VGS = 10V, ID = 20A
6.5
8.5
VGS = 4.5V, ID = 15A
Forward Transconductance
GFS
100
S
VDS = 5V, ID = 20A
Diode Forward Voltage
VSD
0.9
1.2
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
2090
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
746
Reverse Transfer Capacitance
Crss
38.5
Gate Resistance
Rg
0.59
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
19.3
nC
VDS = 30V, ID = 20A
Total Gate Charge (VGS = 10V)
Qg
41.3
Gate-Source Charge
Qgs
6.0
Gate-Drain Charge
Qgd
8.8
Turn-On Delay Time
tD(ON)
5.7
ns
VDD = 30V, VGS = 10V,
ID = 20A, RG = 3Ω
Turn-On Rise Time
tR
4.3
Turn-Off Delay Time
tD(OFF)
23.4
Turn-Off Fall Time
tF
9.7
Body Diode Reverse Recovery Time
tRR
35.4
ns
IF = 20A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
38.2
nC
Note:
7. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMT6007LFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT6002LPS DIODES-DMT6002LPS Datasheet
490Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT6002LPS-13 DIODES-DMT6002LPS-13 Datasheet
490Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT6004LPS DIODES-DMT6004LPS Datasheet
514Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMT6004LPS DIODES-DMT6004LPS Datasheet
384Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT6004LPS-13 DIODES-DMT6004LPS-13 Datasheet
514Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
More results

Similar Description - DMT6007LFG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com