Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN6069SFG-13 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMN6069SFG-13
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6069SFG-13 Datasheet(HTML) 7 Page - Diodes Incorporated

  DMN6069SFG-13 Datasheet HTML 1Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 2Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 3Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 4Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 5Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 6Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 7Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DMN6069SFG
Document number: DS37821 Rev. 3 - 2
7 of 8
www.diodes.com
September 2015
© Diodes Incorporated
DMN6069SFG
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
POWERDI3333-8
POWERDI3333-8
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0.00
0.05
0.02
A3


0.203
b
0.27
0.37
0.32
b2


0.20
D
3.25
3.35
3.30
D2
2.22
2.32
2.27
E
3.25
3.35
3.30
E2
1.56
1.66
1.61
e


0.65
e1
0.79
0.89
0.84
L
0.35
0.45
0.40
L1


0.39
z


0.515
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
POWERDI3333-8
Dimensions Value (in mm)
C
0.650
X
0.420
X1
0.420
X2
0.230
X3
2.370
Y
0.700
Y1
1.850
Y2
2.250
Y3
3.700
e1
1
8
D
D2
E
e
b
E2
A
A3
Pin #1 ID
Seating Plane
L(4x)
A1
L1(3x)
b2(4x)
z(4x)
X3
Y3
X
Y
C
Y1
Y2
X1
X2
1
8


Similar Part No. - DMN6069SFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6069SFG DIODES-DMN6069SFG Datasheet
433Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMN6069SFGQ DIODES-DMN6069SFGQ Datasheet
527Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6069SFGQ-13 DIODES-DMN6069SFGQ-13 Datasheet
527Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6069SFGQ-7 DIODES-DMN6069SFGQ-7 Datasheet
527Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6069SFG DIODES-DMN6069SFG_16 Datasheet
433Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
More results

Similar Description - DMN6069SFG-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com