Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN6069SFG-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN6069SFG-13
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6069SFG-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN6069SFG-13 Datasheet HTML 1Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 2Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 3Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 4Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 5Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 6Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 7Page - Diodes Incorporated DMN6069SFG-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DMN6069SFG
Document number: DS37821 Rev. 3 - 2
5 of 8
www.diodes.com
September 2015
© Diodes Incorporated
DMN6069SFG
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. Gate Threshold Variation vs.
JunctionTemperature
I
D=1mA
I
D=250µA
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1
1.2
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 8. Diode Forward Voltage vs. Current
V
GS=0V
T
A=-55℃
T
A=25℃
T
A=85℃
T
A=125℃
T
A=150℃
0.1
1
10
100
1000
10000
0
10
20
30
40
50
60
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 9. Typical Drain-Source Leakge Current vs.
Voltage
25
85
125
150
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
Qg (nC)
Figure 10. Gate Charge
V
DS=30V, ID=12A
10
100
1000
10000
0
10
20
30
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 11. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0.01
0.1
1
10
100
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(Max)=150℃
T
A=25℃
Single Pulse
DUT on 1*MRP board
V
GS=10V
R
DS(ON) LIMITED
P
W=10s
DC
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms
P
W=100µs


Similar Part No. - DMN6069SFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6069SFG DIODES-DMN6069SFG Datasheet
433Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMN6069SFGQ DIODES-DMN6069SFGQ Datasheet
527Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6069SFGQ-13 DIODES-DMN6069SFGQ-13 Datasheet
527Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6069SFGQ-7 DIODES-DMN6069SFGQ-7 Datasheet
527Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6069SFG DIODES-DMN6069SFG_16 Datasheet
433Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
More results

Similar Description - DMN6069SFG-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com