Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN6040SVTQ-13 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMN6040SVTQ-13
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6040SVTQ-13 Datasheet(HTML) 7 Page - Diodes Incorporated

  DMN6040SVTQ-13 Datasheet HTML 1Page - Diodes Incorporated DMN6040SVTQ-13 Datasheet HTML 2Page - Diodes Incorporated DMN6040SVTQ-13 Datasheet HTML 3Page - Diodes Incorporated DMN6040SVTQ-13 Datasheet HTML 4Page - Diodes Incorporated DMN6040SVTQ-13 Datasheet HTML 5Page - Diodes Incorporated DMN6040SVTQ-13 Datasheet HTML 6Page - Diodes Incorporated DMN6040SVTQ-13 Datasheet HTML 7Page - Diodes Incorporated DMN6040SVTQ-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DMN6040SVTQ
Document number: DS38508 Rev. 1 - 2
7 of 8
www.diodes.com
December 2015
© Diodes Incorporated
DMN6040SVTQ
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
TSOT26
D
E1
E1/2
e1
E
E/2
e
A
A2
A1
Seating Plane
0
L2
L
Gauge Plane
01(4x)
01(4x)
c
b
Seating Plane
TSOT26
Dim
Min
Max
Typ
A

1.00
A1
0.010
0.100
A2
0.840
0.900
D
2.800
3.000
2.900
E
2.800 BSC
E1
1.500
1.700
1.600
b
0.300
0.450
c
0.120
0.200
e
0.950 BSC
e1
1.900 BSC
L
0.30
0.50
L2
0.250 BSC
θ
θ1
12°
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
TSOT26
Y1
C
X
Y
Dimensions
Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199


Similar Part No. - DMN6040SVTQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6040SVT DIODES-DMN6040SVT Datasheet
205Kb / 7P
   Low Input Capacitance
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   Low Input Capacitance
DMN6040SVT DIODES-DMN6040SVT_15 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN6040SVTQ-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com