Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN67D8LDW-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN67D8LDW-13
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN67D8LDW-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN67D8LDW-13 Datasheet HTML 1Page - Diodes Incorporated DMN67D8LDW-13 Datasheet HTML 2Page - Diodes Incorporated DMN67D8LDW-13 Datasheet HTML 3Page - Diodes Incorporated DMN67D8LDW-13 Datasheet HTML 4Page - Diodes Incorporated DMN67D8LDW-13 Datasheet HTML 5Page - Diodes Incorporated DMN67D8LDW-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN67D8LDW
Document number: DS38034 Rev. 1 - 2
1 of 6
www.diodes.com
August 2015
© Diodes Incorporated
DMN67D8LDW
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
60V
5.0
Ω @ VGS = 10V
230mA
7.5
Ω @ VGS = 5V
190mA
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
Motor Control
Power Management Functions
Features
Dual N-Channel MOSFET
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Ultra-Small Surface Mount Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT363
Case Material: Molded Plastic. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Alloy 42 Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.006 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN67D8LDW-7
SOT363
3000/Tape & Reel
DMN67D8LDW-13
SOT363
10000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2014
2015
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
Code
B
C
D
E
F
G
H
I
J
K
L
M
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SOT363
Top View
Top View
Pin out
Equivalent Circuit
S
1
D
1
D
2
S
2
G
1
G
2
D1
S1
G1
D2
S2
G2
S
1
D
1
D
2
S
2
G
1
G
2
7D8 YM
7D8 = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: C = 2015)
M = Month (ex: 9 = September)


Similar Part No. - DMN67D8LDW-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN67D8L DIODES-DMN67D8L Datasheet
531Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN67D8L-13 DIODES-DMN67D8L-13 Datasheet
531Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN67D8L-7 DIODES-DMN67D8L-7 Datasheet
531Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN67D8LT DIODES-DMN67D8LT Datasheet
517Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
April 2020 Rev. 2 - 2
DMN67D8LT-13 DIODES-DMN67D8LT-13 Datasheet
517Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
April 2020 Rev. 2 - 2
More results

Similar Description - DMN67D8LDW-13

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com