Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN65D8LQ-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN65D8LQ-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN65D8LQ-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN65D8LQ-13 Datasheet HTML 1Page - Diodes Incorporated DMN65D8LQ-13 Datasheet HTML 2Page - Diodes Incorporated DMN65D8LQ-13 Datasheet HTML 3Page - Diodes Incorporated DMN65D8LQ-13 Datasheet HTML 4Page - Diodes Incorporated DMN65D8LQ-13 Datasheet HTML 5Page - Diodes Incorporated DMN65D8LQ-13 Datasheet HTML 6Page - Diodes Incorporated DMN65D8LQ-13 Datasheet HTML 7Page - Diodes Incorporated DMN65D8LQ-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMN65D8LQ
Document number: DS38179 Rev. 1 - 2
3 of 8
www.diodes.com
September 2015
© Diodes Incorporated
DMN65D8LQ
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1.0
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
±5
µA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1.2
2.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
2
3
VGS = 10V, ID = 0.115A

2.5
4
VGS = 5V, ID = 0.115A
Forward Transconductance
gFS
80
290
mS
VDS = 10V, ID = 0.115A
Diode Forward Voltage
VSD
0.8
1.2
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
22.0
pF
VDS = 25V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
3.2
Reverse Transfer Capacitance
Crss
2.0
Gate Resistance
RG

79.9

VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge VGS = 10V
Qg
0.87
nC
VGS = 10V, VDS = 30V,
ID = 150mA
Total Gate Charge VGS = 4.5V
Qg

0.43

Gate-Source Charge
Qgs
0.11
Gate-Drain Charge
Qgd
0.11
Turn-On Delay Time
tD(on)
2.7
nS
VDD = 30V, ID = 0.115A, VGEN = 10V,
RGEN = 25Ω
Turn-On Rise Time
tr
2.8
Turn-Off Delay Time
tD(off)

12.6

Turn-Off Fall Time
tf

7.3

Notes:
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.
.


Similar Part No. - DMN65D8LQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN65D8L DIODES-DMN65D8L Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN65D8L DIODES-DMN65D8L Datasheet
378Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN65D8L-7 DIODES-DMN65D8L-7 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN65D8L-7 DIODES-DMN65D8L-7 Datasheet
378Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN65D8LDW DIODES-DMN65D8LDW Datasheet
535Kb / 6P
   Dual N-Channel MOSFET
More results

Similar Description - DMN65D8LQ-13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com