Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN61D8LVT-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN61D8LVT-7
Description  Provides a more reliable and robust interface between sensitive logic and DC relay coils.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN61D8LVT-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN61D8LVT-7 Datasheet HTML 1Page - Diodes Incorporated DMN61D8LVT-7 Datasheet HTML 2Page - Diodes Incorporated DMN61D8LVT-7 Datasheet HTML 3Page - Diodes Incorporated DMN61D8LVT-7 Datasheet HTML 4Page - Diodes Incorporated DMN61D8LVT-7 Datasheet HTML 5Page - Diodes Incorporated DMN61D8LVT-7 Datasheet HTML 6Page - Diodes Incorporated DMN61D8LVT-7 Datasheet HTML 7Page - Diodes Incorporated DMN61D8LVT-7 Datasheet HTML 8Page - Diodes Incorporated DMN61D8LVT-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DMN61D8L/LVT
Document number: DS37630 Rev. 3 - 2
3 of 9
www.diodes.com
April 2015
© Diodes Incorporated
DMN61D8L/LVT
Thermal Characteristics (SOT23) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
390
mW
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
321
°C/W
Total Power Dissipation (Note 6)
PD
610
mW
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
208
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Thermal Characteristics (TSOT26) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
820
mW
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
154
°C/W
Total Power Dissipation (Note 6)
PD
1090
mW
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
116
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 10mA
Zero Gate Voltage Drain Current
IDSS
50
0.5
µA
VDS = 60V, VGS = 0V
VDS = 12V, VGS = 0V
Gate-Source Leakage
IGSS
±90
±60
µA
VGS = ±5V, VDS = 0V
VGS = ±3V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1.3
2.0
V
VDS = VGS, ID = 1mA
Static Drain-Source On-Resistance
RDS(ON)
1.1
1.4
1.8
2.4
Ω
VGS =5V, ID = 0.15A
VGS = 3V, ID = 0.15A
Forward Transfer Admittance
|Yfs|
80
ms
VDS =12V, ID = 0.15A
Diode Forward Voltage
VSD

1.2
V
VGS = 0V, IS = 0.15A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
12.9
pF
VDS = 12V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
17
pF
Reverse Transfer Capacitance
Crss
0.84
pF
Total Gate Charge
Qg
0.74
nC
VGS = 5V, VDS = 12V,
ID =150mA
Gate-Source Charge
Qgs
0.19
nC
Gate-Drain Charge
Qgd
0.16
nC
Turn-On Delay Time
tD(on)
131
ns
VDD = 12V, VGS = 5V.
Turn-On Rise Time
tr
301
ns
Turn-Off Delay Time
tD(off)
582
ns
Turn-Off Fall Time
tf
440
ns
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout.
6.
Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. copper, single sided.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMN61D8LVT-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ Datasheet
350Kb / 7P
   Provides a reliable and robust interface between sensitive logic and DC relay coils
DMN61D8LVTQ DIODES-DMN61D8LVTQ Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
DMN61D8LVTQ-13 DIODES-DMN61D8LVTQ-13 Datasheet
350Kb / 7P
   Provides a reliable and robust interface between sensitive logic and DC relay coils
DMN61D8LVTQ-13 DIODES-DMN61D8LVTQ-13 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
DMN61D8LVTQ-7 DIODES-DMN61D8LVTQ-7 Datasheet
350Kb / 7P
   Provides a reliable and robust interface between sensitive logic and DC relay coils
More results

Similar Description - DMN61D8LVT-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ Datasheet
350Kb / 7P
   Provides a reliable and robust interface between sensitive logic and DC relay coils
logo
Zilog, Inc.
Z84C2006VEC ZILOG-Z84C2006VEC Datasheet
1Mb / 16P
   Provides a direct interface between Z80 microcomputer systems and peripheral devices
Z84C2010VEG ZILOG-Z84C2010VEG Datasheet
1Mb / 16P
   PROVIDES A DIRECT INTERFACE BETWEEN Z80 MICROCOMPUTER SYSTEMS AND PERIPHERAL DEVICES
logo
ADTech
ADT1210NA ADTECH-ADT1210NA Datasheet
44Kb / 1P
   provides the interface between logic and IR signals for through-air, serial and half-duplex IR wireless data links
logo
Silicon Laboratories
SI5315 SILABS-SI5315 Datasheet
416Kb / 54P
   Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
logo
Intersil Corporation
ISL54103IHZ-T7A INTERSIL-ISL54103IHZ-T7A Datasheet
267Kb / 8P
   More Reliable HDCP Performance In Video Multiplexers and Cable Extenders
logo
Power-One
MAP80 POWER-ONE-MAP80_06 Datasheet
135Kb / 4P
   power supplies provides reliable, tightly-regulated DC
logo
Littelfuse
PGR-4700 LITTELFUSE-PGR-4700 Datasheet
407Kb / 1P
   The PGR-4700 Sensitive Ground-Fault Relay provides
logo
Power-One
MAP55 POWER-ONE-MAP55_06 Datasheet
111Kb / 3P
   power supplies provides reliable, tightly-regulated DC
logo
TE Connectivity Ltd
KCP TEC-KCP Datasheet
326Kb / 2P
   DC current sensitive relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com