Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN53D0LQ-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN53D0LQ-13
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN53D0LQ-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN53D0LQ-13 Datasheet HTML 1Page - Diodes Incorporated DMN53D0LQ-13 Datasheet HTML 2Page - Diodes Incorporated DMN53D0LQ-13 Datasheet HTML 3Page - Diodes Incorporated DMN53D0LQ-13 Datasheet HTML 4Page - Diodes Incorporated DMN53D0LQ-13 Datasheet HTML 5Page - Diodes Incorporated DMN53D0LQ-13 Datasheet HTML 6Page - Diodes Incorporated DMN53D0LQ-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN53D0LQ
Document number: DS38552 Rev. 1 - 2
3 of 7
www.diodes.com
January 2016
© Diodes Incorporated
DMN53D0LQ
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
0.3
0.6
0.9
1.2
1.5
0
1
2
3
4
5
V
= 1.8V
GS
V
= 3.5V
GS
V
= 10V
GS
V
= 2V
GS
V
= 2.5V
GS
V
= 3V
GS
V
= 4.5V
GS
V
= 5V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
= 5V
DS
T = 150°C
A
T = 125°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0.5
0.6
0.7
0.8
0.9
1
0
0.2
0.4
0.6
0.8
1
V
= 5V
GS
V
= 10V
GS
I , DRAIN CURRENT (A)
D
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
T , JUNCTION TEMPERATURE ( C)
Figure 5 On-Resistance Variation with Temperature
J
0.4
0.8
1.2
1.6
2.0
2.4
-50
-25
0
25
50
75
100
125
150
V
= 5V
I = 300mA
GS
D
V
=
V
I = 500mA
GS
D
10
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
V
= 5V
I = 300mA
GS
D
V
=
V
I = 500mA
GS
D
10


Similar Part No. - DMN53D0LQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN53D0L DIODES-DMN53D0L Datasheet
338Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMN53D0L-13 DIODES-DMN53D0L-13 Datasheet
338Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMN53D0L-7 DIODES-DMN53D0L-7 Datasheet
338Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMN53D0LDW DIODES-DMN53D0LDW Datasheet
268Kb / 5P
   Dual N-Channel MOSFET
DMN53D0LDW-13 DIODES-DMN53D0LDW-13 Datasheet
268Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMN53D0LQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com