Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ABT573J-QML Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT573J-QML
Description  Octal D-Type Latch with TRI-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT573J-QML Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ABT573J-QML Datasheet HTML 1Page - National Semiconductor (TI) 54ABT573J-QML Datasheet HTML 2Page - National Semiconductor (TI) 54ABT573J-QML Datasheet HTML 3Page - National Semiconductor (TI) 54ABT573J-QML Datasheet HTML 4Page - National Semiconductor (TI) 54ABT573J-QML Datasheet HTML 5Page - National Semiconductor (TI) 54ABT573J-QML Datasheet HTML 6Page - National Semiconductor (TI) 54ABT573J-QML Datasheet HTML 7Page - National Semiconductor (TI) 54ABT573J-QML Datasheet HTML 8Page - National Semiconductor (TI) 54ABT573J-QML Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DC Electrical Characteristics
Symbol
Parameter
Min
Max
Units
V
CC
Conditions
C
L = 50 pF, RL = 500Ω
V
OLP
Quiet Output Maximum Dynamic V
OL
0.9
V
5.0
T
A = 25˚C (Note 5)
V
OLV
Quiet Output Minimum Dynamic V
OL
-1.7
V
5.0
T
A = 25˚C (Note 5)
Note 5: Max number of outputs defined as (n). n − 1 data inputs are driven 0V to 3V. One output at LOW. Guaranteed, but not tested.
AC Electrical Characteristics
Symbol
Parameter
54ABT
Units
Fig.
No.
T
A = −55˚C to +125˚C
V
CC = 4.5V to 5.5V
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
1.0
6.4
ns
Figure 4
t
PHL
D
n to On
1.5
6.7
t
PLH
Propagation Delay
1.0
7.1
ns
Figure 4
t
PHL
LE to O
n
1.5
7.5
t
PZH
Output Enable Time
0.8
6.5
ns
Figure 6
t
PZL
1.5
7.2
t
PHZ
Output Disable Time
1.5
7.7
ns
Figure 6
t
PLZ
Time
1.0
7.0
AC Operating Requirements
Symbol
Parameter
54ABT
Units
Fig.
No.
T
A = −55˚C to +125˚C
V
CC = 4.5V to 5.5V
C
L = 50 pF
Min
Max
t
s(H)
Set Time, HIGH
2.5
ns
Figure
7
t
s(L)
or LOW D
n to LE
2.5
t
h(H)
Hold Time, HIGH
2.5
ns
Figure
7
t
h(L)
or LOW D
n to LE
2.5
t
w(H)
Pulse Width,
3.3
ns
Figure
5
LE HIGH
Capacitance
Symbol
Parameter
Typ
Units
Conditions
(T
A = 25˚C)
C
IN
Input Capacitance
5
pF
V
CC = 0V
C
OUT (Note 6)
Output Capacitance
9
pF
V
CC = 5.0V
Note 6: COUT is measured at frequency f = 1 MHz per MIL-STD-883B, Method 3012.
www.national.com
4


Similar Part No. - 54ABT573J-QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT574 NSC-54ABT574 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574E/883 NSC-54ABT574E/883 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574J/883 NSC-54ABT574J/883 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574W/883 NSC-54ABT574W/883 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results

Similar Description - 54ABT573J-QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT573 NSC-54FCT573 Datasheet
148Kb / 7P
   Octal D-Type Latch with TRI-STATE Outputs
DM74LS563 NSC-DM74LS563 Datasheet
79Kb / 3P
   OCTAL D-TYPE LATCH WITH TRI-STATE OUTPUTS
54F573DM NSC-54F573DM Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
   Octal Latch with TRI-STATE Outputs
54ACT573 NSC-54ACT573 Datasheet
159Kb / 10P
   Octal Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACT573 TI1-54ACT573_13 Datasheet
138Kb / 6P
[Old version datasheet]   Octal Latch with Tri-State Outputs
logo
National Semiconductor ...
MM54HC533 NSC-MM54HC533 Datasheet
101Kb / 4P
   TRI-STATE-R Octal D-Type Latch with Inverted Outputs
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com