Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV358Q1MAX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMV358Q1MAX/NOPB
Description  Operational Amplifiers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV358Q1MAX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV358Q1MAX/NOPB Datasheet HTML 2Page - Texas Instruments LMV358Q1MAX/NOPB Datasheet HTML 3Page - Texas Instruments LMV358Q1MAX/NOPB Datasheet HTML 4Page - Texas Instruments LMV358Q1MAX/NOPB Datasheet HTML 5Page - Texas Instruments LMV358Q1MAX/NOPB Datasheet HTML 6Page - Texas Instruments LMV358Q1MAX/NOPB Datasheet HTML 7Page - Texas Instruments LMV358Q1MAX/NOPB Datasheet HTML 8Page - Texas Instruments LMV358Q1MAX/NOPB Datasheet HTML 9Page - Texas Instruments LMV358Q1MAX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N
LMV358-N-Q1, LMV324-N, LMV324-N-Q1
SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014
www.ti.com
7.8 5-V DC Electrical Characteristics
Unless otherwise specified, all limits specified for T J = 25°C, V
+ = 5 V, V= 0 V, V
CM = 2.0 V, VO = V
+/2 and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input Offset Voltage
1.7
7
mV
–40°C
≤ TJ ≤ 125°C
9
TCVOS
Input Offset Voltage Average Drift
5
µV/°C
IB
Input Bias Current
15
250
nA
–40°C
≤ TJ ≤ 125°C
500
IOS
Input Offset Current
5
50
nA
–40°C
≤ TJ ≤ 125°C
150
CMRR
Common Mode Rejection Ratio
0 V
≤ VCM ≤ 4 V
50
65
dB
PSRR
Power Supply Rejection Ratio
2.7 V
≤ V+ ≤ 5 V
50
60
dB
VO = 1V, VCM = 1 V
VCM
Input Common-Mode Voltage Range
For CMRR
≥ 50 dB
0
−0.2
V
4.2
4
V
AV
Large Signal Voltage Gain
RL = 2 kΩ
15
100
V/mV
(3)
RL = 2 kΩ, –40°C ≤ TJ ≤ 125°C
10
VO
Output Swing
RL = 2 kΩ to 2.5 V
V+
− 300
V+
−40
RL = 2 kΩ to 2.5 V, –40°C ≤ TJ
V+
− 400
125°C
RL = 2 kΩ to 2.5 V
120
300
RL = 2 kΩ to 2.5 V, –40°C ≤ TJ
400
125°C
mV
RL = 10 kΩ to 2.5 V
V+
− 100
V+
− 10
RL = 10 kΩ to 2.5 V, –40°C ≤ TJ
V+
− 200
125°C
RL = 2 kΩ to 2.5 V
65
180
RL = 2 kΩ to 2.5 V, 125°C
280
IO
Output Short Circuit Current
Sourcing, VO = 0 V
5
60
mA
Sinking, VO = 5 V
10
160
IS
Supply Current
LMV321-N
130
250
LMV321-N, –40°C
≤ TJ ≤ 125°C
350
LMV358-N (both amps)
210
440
LMV358-N (both amps), –40°C
≤ TJ
615
µA
≤ 125°C
LMV324-N (all four amps)
410
830
LMV324-N (all four amps), –40°C
1160
TJ ≤ 125°C
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
RL is connected to V
-. The output voltage is 0.5 V ≤ V
O ≤ 4.5 V.
6
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1


Similar Part No. - LMV358Q1MAX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV358Q1MAX/NOPB TI1-LMV358Q1MAX/NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - LMV358Q1MAX/NOPB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com