Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV712LD Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV712LD
Description  Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV712LD Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV712LD Datasheet HTML 3Page - Texas Instruments LMV712LD Datasheet HTML 4Page - Texas Instruments LMV712LD Datasheet HTML 5Page - Texas Instruments LMV712LD Datasheet HTML 6Page - Texas Instruments LMV712LD Datasheet HTML 7Page - Texas Instruments LMV712LD Datasheet HTML 8Page - Texas Instruments LMV712LD Datasheet HTML 9Page - Texas Instruments LMV712LD Datasheet HTML 10Page - Texas Instruments LMV712LD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2.7
3.0
3.5
4.0
4.5
5.0
40
60
80
100
140
160
VS (V)
120
85°C
25°C
-40°C
2.7
3.0
3.5
4.0
4.5
5.0
40
50
60
70
90
100
VS (V)
80
85°C
25°C
-40°C
0
1
2
3
4
5
-1200
-1000
-800
-600
-400
-200
0
VCM (V)
-40°C
25°C
85°C
0
1
2
4
5
VCM (V)
0.01
0.1
1
10
100
3
+85°C
+70°C
+50°C
+25°C
0°C
-25°C
-40°C
2.7
3.0
3.5
4.0
4.5
5.0
0.5
0.7
0.9
1.1
1.3
1.5
SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
2.7
3.0
3.5
4.0
4.5
5.0
0.2
0.3
0.4
0.5
0.6
SUPPLY VOLTAGE (V)
LMV712-N, LMV712-N-Q1
www.ti.com
SNOS534I – FEBRUARY 2001 – REVISED JANUARY 2014
Typical Performance Characteristics
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Supply Current Per Channel
Supply Current
vs.
vs.
Supply Voltage
Supply Voltage (Shutdown)
Figure 2.
Figure 3.
VOS
IB
vs.
vs.
VCM
VCM Over Temp
Figure 4.
Figure 5.
Output Positive Swing
Output Negative Swing
vs.
vs.
Supply Voltage, RL = 600Ω
Supply Voltage, RL = 600Ω
Figure 6.
Figure 7.
Copyright © 2001–2014, Texas Instruments Incorporated
7
Product Folder Links: LMV712-N LMV712-N-Q1


Similar Part No. - LMV712LD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV712LD NSC-LMV712LD Datasheet
505Kb / 14P
   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
logo
Texas Instruments
LMV712LD TI1-LMV712LD Datasheet
450Kb / 18P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712LD TI1-LMV712LD Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712LD TI-LMV712LD Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712LD TI-LMV712LD Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
More results

Similar Description - LMV712LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV712 TI1-LMV712_13 Datasheet
190Kb / 11P
[Old version datasheet]   LOW-POWER LOW-NOISE HIGH-OUTPUT RRIO DUAL OPERATIONAL AMPLIFIER
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
LMV712 TI1-LMV712 Datasheet
450Kb / 18P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
logo
National Semiconductor ...
LMV712 NSC-LMV712 Datasheet
505Kb / 14P
   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
logo
Texas Instruments
LMV712TL TI-LMV712TL Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712-N TI1-LMV712-N Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
logo
ON Semiconductor
MC33076 ONSEMI-MC33076_1 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
logo
Texas Instruments
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
LMV712-N-Q1 TI-LMV712-N-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com