Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV358 Datasheet(PDF) 19 Page - Texas Instruments

Part # LMV358
Description  Low-Voltage Rail-to-Rail Output Operational Amplifiers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV358 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMV358_16 Datasheet HTML 15Page - Texas Instruments LMV358_16 Datasheet HTML 16Page - Texas Instruments LMV358_16 Datasheet HTML 17Page - Texas Instruments LMV358_16 Datasheet HTML 18Page - Texas Instruments LMV358_16 Datasheet HTML 19Page - Texas Instruments LMV358_16 Datasheet HTML 20Page - Texas Instruments LMV358_16 Datasheet HTML 21Page - Texas Instruments LMV358_16 Datasheet HTML 22Page - Texas Instruments LMV358_16 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
OUT
OUT
cm
REF
V
V
1
V
V
2
2
+
-
+
æ
ö
=
=
ç
÷
è
ø
2
4
2
D IF F
O U T
O U T
IN
R E F
1
3
4
1
R
R
R
V
V
V
V
1
V
1
R
R
R
R
+
-
æ
ö
æ
ö
æ
ö
=
-
=
´
+
-
´
+
ç
÷
ç
÷
ç
÷
+
è
ø
è
ø
è
ø
4
2
2
out
ref
in
3
4
1
1
R
R
R
V
V
1
V
R
R
R
R
-
æ
ö æ
ö
=
´
´
+
-
´
ç
÷ ç
÷
+
è
ø
è
ø
OUT
REF
4
3
4
2
1
1
2
+
IN
LMV358, LMV321, LMV324, LMV324S
www.ti.com
SLOS263W – AUGUST 1999 – REVISED OCTOBER 2014
Typical Application (continued)
9.1.1 Design Requirements
The design requirements are as follows:
Supply voltage: 2.7 V
Reference voltage: 2.5 V
Input: 0.5 to 2 V
Output differential: ±1.5 V
9.1.2 Detailed Design Procedure
The circuit in Figure 46 takes a single-ended input signal, VIN, and generates two output signals, VOUT+ and
VOUT– using two amplifiers and a reference voltage, VREF. VOUT+ is the output of the first amplifier and is a
buffered version of the input signal, VIN (see Equation 1). VOUT– is the output of the second amplifier which uses
VREF to add an offset voltage to VIN and feedback to add inverting gain. The transfer function for VOUT– is
Equation 2.
VOUT+ = VIN
(1)
(2)
The differential output signal, VDIFF, is the difference between the two single-ended output signals, VOUT+ and
VOUT–. Equation 3 shows the transfer function for VDIFF. By applying the conditions that R1 = R2 and R3 = R4, the
transfer function is simplified into Equation 6. Using this configuration, the maximum input signal is equal to the
reference voltage and the maximum output of each amplifier is equal to the VREF. The differential output range is
2×VREF. Furthermore, the common mode voltage will be one half of VREF (see Equation 7).
(3)
VOUT+ = VIN
(4)
VOUT– = VREF – VIN
(5)
VDIFF = 2×VIN – VREF
(6)
(7)
9.1.2.1 Amplifier Selection
Linearity over the input range is key for good dc accuracy. The common mode input range and the output swing
limitations determine the linearity. In general, an amplifier with rail-to-rail input and output swing is required.
Bandwidth is a key concern for this design. Because LMV358 has a bandwidth of 1 MHz, this circuit will only be
able to process signals with frequencies of less than 1 MHz.
9.1.2.2 Passive Component Selection
Because the transfer function of VOUT– is heavily reliant on resistors (R1, R2, R3, and R4), use resistors with low
tolerances to maximize performance and minimize error. This design used resistors with resistance values of
36 k
Ω with tolerances measured to be within 2%. If the noise of the system is a key parameter, the user can
select smaller resistance values (6 k
Ω or lower) to keep the overall system noise low. This ensures that the noise
from the resistors is lower than the amplifier noise.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMV358 LMV321 LMV324 LMV324S


Similar Part No. - LMV358_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV358Q1MA/NOPB TI1-LMV358Q1MA/NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV358Q1MA/NOPB TI1-LMV358Q1MA/NOPB Datasheet
2Mb / 52P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LMV358Q1MANOPB NSC-LMV358Q1MANOPB Datasheet
2Mb / 45P
   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV358Q1MAX/NOPB TI1-LMV358Q1MAX/NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV358Q1MAX/NOPB TI1-LMV358Q1MAX/NOPB Datasheet
2Mb / 52P
[Old version datasheet]   Operational Amplifiers
More results

Similar Description - LMV358_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com