Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1916 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1916
Description  Low-Dropout, Constant-Current Triple White LED Bias Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1916 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1916 Datasheet HTML 1Page - Maxim Integrated Products MAX1916 Datasheet HTML 2Page - Maxim Integrated Products MAX1916 Datasheet HTML 3Page - Maxim Integrated Products MAX1916 Datasheet HTML 4Page - Maxim Integrated Products MAX1916 Datasheet HTML 5Page - Maxim Integrated Products MAX1916 Datasheet HTML 6Page - Maxim Integrated Products MAX1916 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Low-Dropout, Constant-Current
Triple White LED Bias Supply
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Limits are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed through
correlation using statistical quality control (SQC) methods.
Note 2: Dropout Voltage is defined as the LED_ to GND voltage at which current sink into LED_ drops 20% from the value at
VLED = 1V.
Note 3: Dropout Voltage is defined as the LED_ to GND voltage at which current sink into LED_ drops 10% from the value at
VLED = 1V.
EN, SET, LED1, LED2, LED3 to GND ..................... -0.3V to +6V
Continuous Power Dissipation (TA = +70°C)
6-Pin Thin SOT23 (derate 9.1mW/°C above +70°C) ... 727mW
Operating Temperature Range ......................... -40°C to +85°C
Storage Temperature Range ........................... -65°C to +150°C
Lead Temperature (soldering, 10s)................................... 300°C
ELECTRICAL CHARACTERISTICS
(VEN = 3.3V, VLED1 = VLED2 = VLED3 = 1V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VEN
EN is the power-supply input
2.5
5.5
V
VEN rising
2.2
2.47
V
Undervoltage Lockout
Threshold
VUVLO
Hysteresis
85
mV
SET Input Current Range
ISET
5
260
µA
SET to LED_ Current Ratio
ILED/ISET, ISET = 42
µA
207
230
253
A/A
SET Bias Voltage
VSET
ISET = 42
µA
1.154
1.215
1.276
V
TA = -40
°C to +25°C
0.01
1
SET Leakage Current
in Shutdown
EN = GND,
VSET = 3.3V
TA = -40
°C to +85°C5
µA
LED_-to-LED_ Current Matching
ISET = 42
µA0.3
5
%
Maximum LED_ Sink Current
ILED
_
Each LED_
60
mA
ISET = 22
µA (Note 2)
100
180
ISET = 42
µA (Note 3)
200
360
LED_ Dropout Voltage
ISET = 84
µA (Note 3)
230
410
mV
LED_ Leakage Current
in Shutdown
VLED1 = VLED2 =
VLED3 = 5.5V, EN =
GND, each LED_
TA = +25
°C
0.01
1
µA
Input High Voltage
VIH
VEN > VIH for enable
2.5
Input Low Voltage
VIL
VEN < VIL for disable
2.2
V
VEN = 2.5V to 5.5V, EN is the power-supply
input
40
100
EN Input Bias Current
IEN
VEN = 0.4V
TA = +25
°C
0.05
1
µA
Thermal Shutdown Temperature
170
°C
Thermal Shutdown Hysteresis
10
°C


Similar Part No. - MAX1916

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX191 MAXIM-MAX191 Datasheet
227Kb / 24P
   Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
19-4506; Rev 4; 2/97
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX1910EUB MAXIM-MAX1910EUB Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX1912 MAXIM-MAX1912 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX1912EUB MAXIM-MAX1912EUB Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
More results

Similar Description - MAX1916

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6311A TMT-T6311A Datasheet
44Kb / 9P
   Low-Dropout, Constant-Current White LED Bias Supply
logo
List of Unclassifed Man...
T6316A ETC2-T6316A Datasheet
40Kb / 6P
   Low-Dropout, Constant-Current White LED Bias Supply
logo
Global Mixed-mode Techn...
G5920 GMT-G5920 Datasheet
681Kb / 9P
   Ultra Low-Dropout, Constant-Current White LED Bias
logo
List of Unclassifed Man...
T6326A ETC2-T6326A Datasheet
34Kb / 6P
   Low-Dropout, Constant-Current White LED with Channel Control
logo
Texas Instruments
LM2793 TI1-LM2793 Datasheet
281Kb / 12P
[Old version datasheet]   Low Noise White LED Constant Current Supply with Dual Function Brightness Control
logo
Agamem Microelectronic ...
AA1700 AGAMEM-AA1700 Datasheet
228Kb / 10P
   Constant Current White LED driver
logo
National Semiconductor ...
LM2793 NSC-LM2793 Datasheet
211Kb / 10P
   Low Noise White LED Constant Current Supply with Dual Function Brightness Control
logo
Texas Instruments
TPS61042EVM-226 TI-TPS61042EVM-226 Datasheet
244Kb / 22P
[Old version datasheet]   WHITE LIGHT LED BIAS SUPPLY EVM
logo
SG Micro Corp
SGM3127 SGMICRO-SGM3127_18 Datasheet
1Mb / 11P
   White LED Driver with Low Dropout Current Source
logo
National Semiconductor ...
LM3508 NSC-LM3508_08 Datasheet
1Mb / 14P
   Synchronous Magnetic Constant Current White LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com