Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF412JAN Datasheet(PDF) 4 Page - Texas Instruments

Part # LF412JAN
Description  Low Drift Dual JFET Input Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF412JAN Datasheet(HTML) 4 Page - Texas Instruments

  LF412JAN_13 Datasheet HTML 1Page - Texas Instruments LF412JAN_13 Datasheet HTML 2Page - Texas Instruments LF412JAN_13 Datasheet HTML 3Page - Texas Instruments LF412JAN_13 Datasheet HTML 4Page - Texas Instruments LF412JAN_13 Datasheet HTML 5Page - Texas Instruments LF412JAN_13 Datasheet HTML 6Page - Texas Instruments LF412JAN_13 Datasheet HTML 7Page - Texas Instruments LF412JAN_13 Datasheet HTML 8Page - Texas Instruments LF412JAN_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LF412JAN
SNOSAQ7A – DECEMBER 2010 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. ±VCC = ±15V, VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
group
-5.0
5.0
mV
1
+VCC = 26V, -VCC = -4V,
VCM = -11V
-7.0
7.0
mV
2, 3
-5.0
5.0
mV
1
+VCC = 4V, -VCC = -26V,
VCM = 11V
-7.0
7.0
mV
2, 3
VIO
Input Offset Voltage
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
-5.0
5.0
mV
1
±VCC = ±5V
-7.0
7.0
mV
2, 3
-0.4
0.2
nA
1
+VCC = 26V, -VCC = -4V,
VCM = -11V
-10
50
nA
2
-0.2
0.2
nA
1
±IIB
Input Bias Current
-10
50
nA
2
-0.2
1.2
nA
1
+VCC = 4V, -VCC = -26V,
VCM = 11V
-10
70
nA
2
-0.1
0.1
nA
1
IIO
Input Offset Current
-20
20
nA
2
+PSRR
Power Supply Rejection Ratio
+VCC = 20V to 10V, -VCC = -15V
80
dB
1, 2, 3
-PSRR
Power Supply Rejection Ratio
+VCC = 15V, -VCC = -20V to -10V
80
dB
1, 2, 3
Input Voltage Common Mode
CMRR
VCM = -11V to +11V
80
dB
1, 2, 3
Rejection
+IOS
Output Short Circuit Current
t
≤ 25mS
-80
mA
1, 2, 3
-IOS
Output Short Circuit Current
t
≤ 25mS
80
mA
1, 2, 3
7.0
mA
1, 2
ICC
Supply Current
8.0
mA
3
25°C
≤ TA ≤ +125°C
-30
30
µV/°C
2
ΔVIO / ΔT
Input Offset Voltage
See(1)
-55°C
≤ TA ≤ 25°C
-30
30
µV/°C
3
RL = 10KΩ
12
V
4, 5, 6
+VOP
Output Voltage Swing
RL = 2KΩ
10
V
4, 5, 6
RL = 10KΩ
-12
V
4, 5, 6
-VOP
Output Voltage Swing
RL = 2KΩ
-10
V
4, 5, 6
50
V/mV
4
-AVS
Open Loop Voltage Gain
RL = 2KΩ, VO = -10V
See(2)
25
V/mV
5, 6
50
V/mV
4
+AVS
Open Loop Voltage Gain
RL = 2KΩ, VO = 10V
See(2)
25
V/mV
5, 6
RL = 10KΩ, VO = ±2V,
AVS
Open Loop Voltage Gain
See(2)
20
V/mV
4, 5, 6
±VCC = ±5V
(1)
Calculated parameter.
(2)
Datalog reading in K = V/mV.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LF412JAN
Not Recommended For New Designs


Similar Part No. - LF412JAN_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF412JAN TI1-LF412JAN Datasheet
1Mb / 16P
[Old version datasheet]   LF412JAN Low Offset, Low Drift Dual JFET Input Operational Amplifier
More results

Similar Description - LF412JAN_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF412-N TI1-LF412-N Datasheet
3Mb / 22P
[Old version datasheet]   Low Drift Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
logo
Texas Instruments
LF412-N-MIL TI1-LF412-N-MIL Datasheet
3Mb / 22P
[Old version datasheet]   Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412-N TI-LF412-N Datasheet
3Mb / 17P
[Old version datasheet]   LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412JAN TI1-LF412JAN Datasheet
1Mb / 16P
[Old version datasheet]   LF412JAN Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412QML TI1-LF412QML Datasheet
1Mb / 18P
[Old version datasheet]   LF412QML Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412 TI1-LF412 Datasheet
1Mb / 16P
[Old version datasheet]   LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com