Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSR1511N06S3K Datasheet(PDF) 1 Page - Mallory performance club

Part # PSR1511N06S3K
Description  Sales Outline Drawing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PSR1511N06S3K Datasheet(HTML) 1 Page - Mallory performance club

  PSR1511N06S3K Datasheet HTML 1Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products Inc
Part #
PSR1511N06S3K
Sales Outline Drawing
Revision
A
4411 South High School Road, Indianapolis, Indiana 46241 USA ● Phone (317) 612-1000 ● Fax (317) 612-1010 ● http://www.mallory-sonalert.com
Specifications:
Impedance (
)
6 ± 15% at 2000 Hz at 1.0 V
Rated Power (W)
0.94
Max Power (W)
1.3
Resonance Freq Fo (Hz)
500 ± 20% at 1.0V
850 ± 15% at 1.0V in 1cc closed box
Frequency Range (Hz)
Fo ~ 7000
Output S.P.L. (dB)
95 ± 3 at 0.94w/0.1m 3.0kHz in1cc closed box
75 ± 3 at 1w/1m 3.0kHz in 1cc closed box
Magnet
Nd-Fe-B
Frame Material
PPA
Operating / Storage Temp
-20 to 60°C/ -40 to 85°C
Weight (g)
1.4
Options
For other options contact factory
Dimensions: ±0.2 (units: mm)
ROHS Compliant
Recommended PCB Layout


Similar Part No. - PSR1511N06S3K

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PSR1511N08S2.5K MALLORY-PSR1511N08S2.5K Datasheet
106Kb / 1P
   Sales Outline Drawing
PSR1511N08S3.5K MALLORY-PSR1511N08S3.5K Datasheet
110Kb / 1P
   Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
   Sales Outline Drawing
More results

Similar Description - PSR1511N06S3K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
   Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
   Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
   Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
   Sales Outline Drawing
logo
Mallory Sonalert Produc...
MSS5CMCMP MSPI-MSS5CMCMP Datasheet
72Kb / 1P
   Sales Outline Drawing
PL-27N26WQ MSPI-PL-27N26WQ Datasheet
99Kb / 1P
   Sales Outline Drawing
PS-580Q MSPI-PS-580Q Datasheet
103Kb / 1P
   Sales Outline Drawing
PS-583Q MSPI-PS-583Q Datasheet
101Kb / 1P
   Sales Outline Drawing
PSR12N08AK MSPI-PSR12N08AK Datasheet
120Kb / 1P
   Sales Outline Drawing
PSR-20F08S-YHQ MSPI-PSR-20F08S-YHQ Datasheet
123Kb / 1P
   Sales Outline Drawing
PSR-20N08A-JQ MSPI-PSR-20N08A-JQ Datasheet
131Kb / 1P
   Sales Outline Drawing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com