Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

961108-6404-AR Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 961108-6404-AR
Description  6-bit 0.5 dB Digital Step Attenuator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

961108-6404-AR Datasheet(HTML) 1 Page - Integrated Device Technology

  961108-6404-AR Datasheet HTML 1Page - Integrated Device Technology 961108-6404-AR Datasheet HTML 2Page - Integrated Device Technology 961108-6404-AR Datasheet HTML 3Page - Integrated Device Technology 961108-6404-AR Datasheet HTML 4Page - Integrated Device Technology 961108-6404-AR Datasheet HTML 5Page - Integrated Device Technology 961108-6404-AR Datasheet HTML 6Page - Integrated Device Technology 961108-6404-AR Datasheet HTML 7Page - Integrated Device Technology 961108-6404-AR Datasheet HTML 8Page - Integrated Device Technology 961108-6404-AR Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
6-bit 0.5 dB Digital Step Attenuator
100 MHz to 4000 MHz
Glitch-Free
TM Digital Step Attenuator
1
Rev2 April 2013
IDTF1951
DATASHEET
GENERAL DESCRIPTION
This document describes the specification for the
IDTF1951 Digital Step Attenuator. The F1951 is part of a
family of
Glitch-Free
TM DSAs optimized for the demanding
requirements of communications Infrastructure. These
devices are offered in a compact 4x4 QFN package with
50
impedances for ease of integration into the radio
system.
COMPETITIVE ADVANTAGE
Digital step attenuators are used in Receivers and
Transmitters to provide gain control. The IDTF1951 is a
6-bit step attenuator optimized for these demanding
applications. The silicon design has very low insertion
loss and low distortion (+65 dBm IP3I.) The device has
pinpoint accuracy and settles to final attenuation value
within 400 nsec. Most importantly, the F1951 includes
IDT’s
G
Glliittc
ch
h--F
Frre
ee
eT
TM
M technology which results in less
than 0.6 dB of overshoot ringing during MSB transitions.
This is in stark contrast to competing DSAs that
glitch as
much as 10 dB during MSB transitions (see p.10)
L
Lo
ow
we
esstt iin
nsse
errttiio
on
n llo
ossss ffo
orr b
be
esstt S
SN
NR
R
G
Glliittcch
h--F
Frre
ee
eT
TM
M w
wh
he
en
n ttrra
an
nssiittiio
on
niin
ng
g
w
wo
on
ntt d
da
am
ma
ag
ge
e P
PA
A o
orr A
AD
DC
C
E
Ex
xttrre
em
me
elly
y a
accccu
urra
atte
e w
wiitth
h llo
ow
w d
diisstto
orrttiio
on
n
APPLICATIONS
Base Station 2G, 3G, 4G, TDD radiocards
Repeaters and E911 systems
Digital Pre-Distortion
Point to Point Infrastructure
Public Safety Infrastructure
WIMAX Receivers and Transmitters
Military Systems, JTRS radios
RFID handheld and portable readers
Cable Infrastructure
PART# MATRIX
Part#
Freq range
Resolution
/ Range
Control
IL
Pinout
F
F1
19
95
51
1
1
10
00
0 -- 4
40
00
00
0
0
0..5
50
0 // 3
31
1..5
5
S
Se
erriia
all O
On
nlly
y
--1
1..2
2
H
HIIT
TT
T
F1950
150 - 4000
0.25 / 31.5
Serial Only
-1.3
PE
F1952
100 – 4000
0.50 / 15.5
Serial Only
-0.9
HITT
FEATURES
Glitch-Free
TM, < 0.6 dB transient overshoot
Spurious Free Design
3V to 5V supply
Attenuation Error < 0.2 dB @ 2 GHz
Low Insertion Loss < 1.2 dB @ 2 GHz
Excellent Linearity +65 dBm IP3I
Fast settling time, < 450 nsec
Class 2 JEDEC ESD (> 2kV HBM)
Serial Interface 31.5 dB Range
Stable Integral Non-Linearity over temperature
4x4 mm Thin QFN 24 pin package
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
RF1
Bias
VDD
DEC
SPI
RF2
RST
CLK
CS
SDI
SDO
IDTF1951NBGI8
0.8 mm height
package
Green
Industrial
Temp range
Tape &
Reel
Omit IDT
prefix
RF product Line
Glitch-Free
TM
Glitch-Free
TM


Similar Part No. - 961108-6404-AR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
961108-6404-AR IDT-961108-6404-AR Datasheet
2Mb / 17P
   7-bit 0.25 dB Digital Step Attenuator
961108-6404-AR IDT-961108-6404-AR Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
961108-6404-AR IDT-961108-6404-AR Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
logo
Renesas Technology Corp
961108-6404-AR RENESAS-961108-6404-AR Datasheet
2Mb / 23P
   Serial and 6 bit Parallel Interface
961108-6404-AR RENESAS-961108-6404-AR Datasheet
2Mb / 23P
   Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
More results

Similar Description - 961108-6404-AR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
Advanced Semiconductor ...
AAT530B6 ASB-AAT530B6 Datasheet
199Kb / 6P
   0.5 ~ 3.0 GHz LSB 0.5 dB, 6 Bit Digital Attenuator
September. 2013
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
TriQuint Semiconductor
TQP4M9071 TRIQUINT-TQP4M9071_15 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Analog Devices
HMC8073 AD-HMC8073 Datasheet
284Kb / 13P
   0.6 GHz to 3.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com