Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1178NBGI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # F1178NBGI
Description  RF to IF Dual Downconverting Mixer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1178NBGI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button F1178NBGI Datasheet HTML 7Page - Integrated Device Technology F1178NBGI Datasheet HTML 8Page - Integrated Device Technology F1178NBGI Datasheet HTML 9Page - Integrated Device Technology F1178NBGI Datasheet HTML 10Page - Integrated Device Technology F1178NBGI Datasheet HTML 11Page - Integrated Device Technology F1178NBGI Datasheet HTML 12Page - Integrated Device Technology F1178NBGI Datasheet HTML 13Page - Integrated Device Technology F1178NBGI Datasheet HTML 14Page - Integrated Device Technology F1178NBGI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
11
Rev1, December 2014
IDTF1178NBGI
Datasheet
TYPICAL OPERATION CONDITIONS [IF =300MHZ, LOW SIDE INJECTION] (-4-)
LO-IF Leakage vs. TCASE
LO-IF Leakage vs. VCC
RF-IF Leakage vs. LO Level
LO-IF Leakage vs. LO Level
RF-IF Leakage vs. TCASE
RF-IF Leakage vs. VCC
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
RF Freq (GHz)
105degC - 5.0V - 0dBm - CHA
105degC - 5.0V - 0dBm - CHB
25degC - 5.0V - 0dBm - CHA
25degC - 5.0V - 0dBm - CHB
-40degC - 5.0V - 0dBm - CHA
-40degC - 5.0V - 0dBm - CHB
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
RF Freq (GHz)
25degC - 4.75V - 0dBm - CHA
25degC - 4.75V - 0dBm - CHB
25degC - 5.0V - 0dBm - CHA
25degC - 5.0V - 0dBm - CHB
25degC - 5.25V - 0dBm - CHA
25degC - 5.25V - 0dBm - CHB
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
RF Frequency (GHz)
25degC - 5.00V - -3dBm - CHA
25degC - 5.00V - -3dBm - CHB
25degC - 5.00V - 0dBm - CHA
25degC - 5.00V - 0dBm - CHB
25degC - 5.00V - 3dBm - CHA
25degC - 5.00V - 3dBm - CHB
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
RF Frequency (GHz)
25degC - 5.0V - -3dBm - CHA
25degC - 5.0V - -3dBm - CHB
25degC - 5.0V - 0dBm - CHA
25degC - 5.0V - 0dBm - CHB
25degC - 5.0V - 3dBm - CHA
25degC - 5.0V - 3dBm - CHB
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
RF Frequency (GHz)
105degC - 5.00V - 0dBm - CHA
105degC - 5.00V - 0dBm - CHB
25degC - 5.00V - 0dBm - CHA
25degC - 5.00V - 0dBm - CHB
-40degC - 5.00V - 0dBm - CHA
-40degC - 5.00V - 0dBm - CHB
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
RF Frequency (GHz)
25degC - 4.75V - 0dBm - CHA
25degC - 4.75V - 0dBm - CHB
25degC - 5.00V - 0dBm - CHA
25degC - 5.00V - 0dBm - CHB
25degC - 5.25V - 0dBm - CHA
25degC - 5.25V - 0dBm - CHB


Similar Part No. - F1178NBGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1178 RENESAS-F1178 Datasheet
4Mb / 22P
   This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
December 2014
More results

Similar Description - F1178NBGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com