Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS63Y102KR10 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # TS63Y102KR10
Description  ZIF/CIF Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TS63Y102KR10 Datasheet(HTML) 2 Page - Integrated Device Technology

  TS63Y102KR10 Datasheet HTML 1Page - Integrated Device Technology TS63Y102KR10 Datasheet HTML 2Page - Integrated Device Technology TS63Y102KR10 Datasheet HTML 3Page - Integrated Device Technology TS63Y102KR10 Datasheet HTML 4Page - Integrated Device Technology TS63Y102KR10 Datasheet HTML 5Page - Integrated Device Technology TS63Y102KR10 Datasheet HTML 6Page - Integrated Device Technology TS63Y102KR10 Datasheet HTML 7Page - Integrated Device Technology TS63Y102KR10 Datasheet HTML 8Page - Integrated Device Technology TS63Y102KR10 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ZIF/CIF Modulator
600MHz to 2900MHz
Zero-Distortion
TM Modulator
2
RevO, April 2015
IDTF1653NLGI
Datasheet
ABSOLUTE MAXIMUM RATINGS
VDD to GND
-0.3V to +3.6V
STBY
-0.3V to (VDD + 0.3V)
BB_I+, BB_I-, BB_Q+, BB_Q-
-0.3V to 1.8V
LO_IN
-0.3V to 0.3V
RF_OUT
(VDD-0.35V) to (VDD-0.05V)
Continuous Power Dissipation
1.5W
θJA (Junction – Ambient)
+45°C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
+2.5°C/W
Operating Temperature Range (Case Temperature)
TCASE = -40°C to +105°C
Maximum Junction Temperature
150°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+260°C
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability


Similar Part No. - TS63Y102KR10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TS63Y102KR10 RENESAS-TS63Y102KR10 Datasheet
1Mb / 22P
   This document describes specifications for the F1650NLGI Zero/Complex IF Modulator implementing Zero-DistortionTM technology for low power consumption with improved ACLR. This device interfaces directly to a high performance Tx dual DAC.
Rev1, March 2014
TS63Y102KR10 RENESAS-TS63Y102KR10 Datasheet
1Mb / 21P
   IDTF1653 RECOMMENDED OPERATION CONDITIONS
RevO, April 2015
More results

Similar Description - TS63Y102KR10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM102A ETC1-ICM102A Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
VV5404 ETC-VV5404 Datasheet
864Kb / 42P
   CIF FORMAT DIGITAL IMAGE SENSOR
logo
STMicroelectronics
VS6451 STMICROELECTRONICS-VS6451_07 Datasheet
1Mb / 4P
   Ultra small CIF reflowable camera module
logo
List of Unclassifed Man...
ZC0301 ETC-ZC0301 Datasheet
266Kb / 15P
   VGA & CIF USB PC Camera Controller
ZC0302 ETC-ZC0302 Datasheet
192Kb / 13P
   VGA & CIF USB PC Camera Controller
logo
STMicroelectronics
VS6451 STMICROELECTRONICS-VS6451 Datasheet
251Kb / 5P
   Ultra small reflowable CIF camera module
logo
Mitel Networks Corporat...
VP520S MITEL-VP520S Datasheet
162Kb / 16P
   PAL/NTSC to CIF/QCIF Converter
logo
Samsung semiconductor
S5K711CA SAMSUNG-S5K711CA Datasheet
684Kb / 26P
   1/7 CIF CMOS Image Sensor
logo
List of Unclassifed Man...
FM2400TSIM ETC-FM2400TSIM Datasheet
316Kb / 5P
   MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com