Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08056A101DAT2A Datasheet(PDF) 1 Page - AVX Corporation

Part # 08056A101DAT2A
Description  C0G (NP0) ceramics offer one of the most stable capacitor dielectrics available
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08056A101DAT2A Datasheet(HTML) 1 Page - AVX Corporation

  08056A101DAT2A Datasheet HTML 1Page - AVX Corporation 08056A101DAT2A Datasheet HTML 2Page - AVX Corporation 08056A101DAT2A Datasheet HTML 3Page - AVX Corporation 08056A101DAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4
Typical Capacitance Change
Envelope: 0 ± 30 ppm/°C
+0.5
0
-0.5
-55 -35 -15
+5 +25 +45 +65 +85 +105 +125
Temperature °C
Temperature Coefficient
1,000
10,000
100
0
0
20
40
60
80
Temperature °C
Insulation Resistance vs Temperature
100
10
100
1000
Frequency, MHz
Variation of Impedance with Chip Size
Impedance vs. Frequency
1000 pF - C0G (NP0)
1.0
0.1
10
1206
0805
1812
1210
10
100
1000
Frequency, MHz
Variation of Impedance with Ceramic Formu
Impedance vs. Frequency
1000 pF - C0G (NP0) vs X7R
0805
0.10
0.01
1.00
X7R
NPO
10.00
+1
+2
0
-1
-2
1KHz
10 KHz
100 KHz
1 MHz
10 MHz
Frequency
Capacitance vs. Frequency
1,000
10,000
100
1
10
100
1000
Frequency, MHz
Variation of Impedance with Cap Value
Impedance vs. Frequency
0805 - C0G (NP0)
10 pF vs. 100 pF vs. 1000 pF
10 pF
100 pF
1000 pF
1.0
0.1
10.0
100,000
C0G (NP0) Dielectric
General Specifications
C0G (NP0) is the most popular formulation of the
“temperature-compensating,” EIA Class I ceramic
materials. Moder n C0G (NP0) formulations contain
neodymium, samarium and other rare earth oxides.
C0G (NP0) ceramics offer one of the most stable capacitor
dielectrics available. Capacitance change with temperature
is 0 ±30ppm/°C which is less than ±0.3%
C from -55°C
to +125°C. Capacitance drift or hysteresis for C0G (NP0)
ceramics is negligible at less than ±0.05% versus up to
±2% for films. Typical capacitance change with life is less
than ±0.1% for C0G (NP0), one-fifth that shown by most
other dielectrics. C0G (NP0) formulations show no aging
characteristics.
0805
Size
(L" x W")
5
Voltage
6.3V = 6
10V = Z
16V = Y
25V = 3
50V = 5
100V = 1
200V = 2
500V = 7
A
Dielectric
C0G (NP0) = A
101
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
J
Capacitance
Tolerance
B = ±.10 pF (<10pF)
C = ±.25 pF (<10pF)
D = ±.50 pF (<10pF)
F = ±1% (≥ 10 pF)
G = ±2% (≥ 10 pF)
J = ±5%
K = ±10%
A
Failure
Rate
A = Not
Applicable
T
Terminations
T = Plated Ni
and Sn
2
Packaging
2 = 7" Reel
4 = 13" Reel
U = 4mm TR
(01005)
A
Special
Code
A = Std.
Product
PART NUMBER (see page 2 for complete part number explanation)
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
Contact factory for non-specified capacitance values.
Contact
Factory For
1 = Pd/Ag Term
7 = Gold Plated
NOT RoHS
COMPLIANT
Contact Factory
For Multiples


Similar Part No. - 08056A101DAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08056A101DAT2A AVX-08056A101DAT2A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
08056A101DAT2A AVX-08056A101DAT2A Datasheet
624Kb / 4P
   C0G (NP0) Dielectric
08056A101DAT2A AVX-08056A101DAT2A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
08056A101DAT2A AVX-08056A101DAT2A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
logo
List of Unclassifed Man...
08056A101DAT2A ETC2-08056A101DAT2A Datasheet
91Kb / 4P
   C0G (NP0) Dielectric General Specifications
More results

Similar Description - 08056A101DAT2A

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT_HC49_US_SMX ACT-ACT_HC49_US_SMX Datasheet
186Kb / 3P
   one of the most cost effective and popular surface mount crystals available
21-06-2012
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
   one of the most cost effective and popular surface mount crystals available.
29/06/11
logo
AVX Corporation
06035A220FAT2A AVX-06035A220FAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic...
08055A680GAT2A AVX-08055A680GAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
06035A471KAT2A AVX-06035A471KAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
04023A470JAT4A AVX-04023A470JAT4A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
06033A8R2CAT2A AVX-06033A8R2CAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
12062A470JAT2A AVX-12062A470JAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
04025A470KAT4A AVX-04025A470KAT4A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
06035A270GAT2A AVX-06035A270GAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com