Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54ABT377 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 54ABT377
Description  Octal D-Type Flip-Flop with Clock Enable
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

54ABT377 Datasheet(HTML) 5 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Loading
Input Pulse Requirements
DS100216-4
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
DS100216-6
FIGURE 2. V
M = 1.5V
Amplitude
Rep. Rate
t
w
t
r
t
f
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns
FIGURE 3. Test Input Signal Requirements
DS100216-8
FIGURE 4. Propagation Delay Waveforms for
Inverting and Non-Inverting Functions
DS100216-5
FIGURE 5. Propagation Delay,
Pulse Width Waveforms
DS100216-9
FIGURE 6. Setup Time, Hold Time
and Recovery Time Waveforms
5
www.national.com


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54FCT377Octal D-Type Flip-Flop with Clock Enable 1 2 3 4 5 MoreNational Semiconductor (TI)
SN74F377AOCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE 1 2 3 4 5 Texas Instruments
DM74LS377Octal D-Type Flip-Flop with Common Enable and Clock 1 2 3 4 5 Fairchild Semiconductor
74ACT11377OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE 1 2 3 4 5 Texas Instruments
74ABT377Octal D-Type Flip-Flop with Clock Enable 1 2 3 4 5 MoreFairchild Semiconductor
74AC377Octal D-Type Flip-Flop with Clock Enable 1 2 3 4 5 MoreFairchild Semiconductor
74F377Octal D-Type Flip-Flop with Clock Enable 1 2 3 4 5 MoreFairchild Semiconductor
CD74HC377High Speed CMOS Logic Octal D-Type Flip-Flop with Data Enable 1 2 3 4 5 MoreTexas Instruments
54LS377OCTAL D FLIP-FLOP WITH COMMON ENABLE AND CLOCK 1 2 3 National Semiconductor (TI)
IDT74FCT377TFAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn