Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTSA-C150KEKT Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTSA-C150KEKT
Description  SMD LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-C150KEKT Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTSA-C150KEKT Datasheet HTML 1Page - Lite-On Technology Corporation LTSA-C150KEKT Datasheet HTML 2Page - Lite-On Technology Corporation LTSA-C150KEKT Datasheet HTML 3Page - Lite-On Technology Corporation LTSA-C150KEKT Datasheet HTML 4Page - Lite-On Technology Corporation LTSA-C150KEKT Datasheet HTML 5Page - Lite-On Technology Corporation LTSA-C150KEKT Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-C150KEKT Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-C150KEKT Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-C150KEKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
4/12
Part No. : LTSA-C150KEKT
BNS-OD-FC002/A4
SMD LED
LTSA-C150KEKT
4. Bin Rank
4.1 Bin code list
 Vf Rank
Forward Voltage
Color : Red , Unit : v @20mA
Bin Code
Min.
Max.
A1
1.60
1.70
A2
1.70
1.80
B1
1.80
1.90
B2
1.90
2.00
C1
2.00
2.10
C2
2.10
2.20
D1
2.20
2.30
D2
2.30
2.40
Tolerance on each Forward Voltage bin is +/-0.1 volt
 IV Rank
Luminous Intensity
Color : Red , Unit : mcd @20mA
Bin Code
Min.
Max.
K1
64.0
80.0
K2
80.0
100.0
L1
100.0
130.0
L2
130.0
170.0
Tolerance on each Luminous Intensity bin is +/- 11%


Similar Part No. - LTSA-C150KEKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTSA-C150KEKT TO-GRACE-LTSA-C150KEKT Datasheet
1,022Kb / 13P
   SMD LED
More results

Similar Description - LTSA-C150KEKT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com