Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86E21 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z86E21
Description  CMOS Z8 OTP MICROCONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E21 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z86E21 Datasheet HTML 4Page - Zilog, Inc. Z86E21 Datasheet HTML 5Page - Zilog, Inc. Z86E21 Datasheet HTML 6Page - Zilog, Inc. Z86E21 Datasheet HTML 7Page - Zilog, Inc. Z86E21 Datasheet HTML 8Page - Zilog, Inc. Z86E21 Datasheet HTML 9Page - Zilog, Inc. Z86E21 Datasheet HTML 10Page - Zilog, Inc. Z86E21 Datasheet HTML 11Page - Zilog, Inc. Z86E21 Datasheet HTML 12Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
AC CHARACTERISTICS
Additional Timing Diagram
Clock
1
3
4
5
2
2
3
T
IRQ
IN
N
Additional Timing
AC CHARACTERISTICS
Additional Timing Table
T
A = 0°C to 70°CTA = -40°C to 105°C
12 MHz
16 MHz
12 MHz
16 MHz
No Symbol
Parameter
Max Min Max Min Max Min Max Min Units Notes
1
TpC
Input Clock Period
83
1000
62.5
1000
83
1000
62.5
1000
ns
[1]
2
TrC,TfC
Clock Input Rise & Fall Times
15
10
15
10
ns
[1]
3
TwC
Input Clock Width
37
21
37
21
ns
[1]
4
TwTinL
Timer Input Low Width
75
50
75
50
ns
[2]
5
TwTinH
Timer Input High Width
3TpC
3TpC
3TpC
3TpC
[2]
6
TpTin
Timer Input Period
8TpC
8TpC
8TpC
8TpC
[2]
7
TrTin,TfTin
Timer Input Rise & Fall Times
100
100
100
100
ns
[2]
8A
TwIL
Interrupt Request Input Low Times
70
50
70
50
ns
[2,4]
8B
TwIL
Interrupt Request Input Low Times
3TpC
3TpC
3TpC
3TpC
[2,5]
9
TwIH
Interrupt Request Input High Times
3TpC
3TpC
3TpC
3TpC
[2,3]
Notes:
[1] Clock timing references use 3.8V for a logic 1 and 0.8V for a logic 0.
[2] Timing references use 2.0V for a logic 1 and 0.8V for a logic 0.
[3] Interrupt references request via Port 3.
[4] Interrupt request via Port 3 (P31-P33).
[5] Interrupt request via Port 30.


Similar Part No. - Z86E21

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E28 ZILOG-Z86E28 Datasheet
403Kb / 13P
   CMOS 8-Bit Low-Cost 4K-ROM Microcontrollers
More results

Similar Description - Z86E21

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
Z86E4016PSG ZILOG-Z86E4016PSG Datasheet
5Mb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E30 ZILOG-Z86E30 Datasheet
453Kb / 66P
   Z8 4K OTP Microcontroller
Z86E3116SSG ZILOG-Z86E3116SSG Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com