Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENH0800A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ENH0800A
Description  specification describes the requirements of 400W watts switching power supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENH0800A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ENH0800A Datasheet HTML 1Page - List of Unclassifed Manufacturers ENH0800A Datasheet HTML 2Page - List of Unclassifed Manufacturers ENH0800A Datasheet HTML 3Page - List of Unclassifed Manufacturers ENH0800A Datasheet HTML 4Page - List of Unclassifed Manufacturers ENH0800A Datasheet HTML 5Page - List of Unclassifed Manufacturers ENH0800A Datasheet HTML 6Page - List of Unclassifed Manufacturers ENH0800A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Enhance Electronics Co.,LTD
_________________________________________________________________________________
Product Specification
2.2 Load ranges
2.2.1 For SSI EPX1U power supply
Load Range
Parameter
Min
Nom.
Max
Peak
Unit
+3.3V
0.5
-
20.0
Amps
+5V
0.5
-
20.0
Amps
+12V1
1.0
-
18.0
Amps
+12V2
1.0
-
18.0
Amps
-12V
0.0
-
0.5
Amps
+5VSB
0.1
-
3.0
Amps
Notes:
(1) The maximum continuous average DC output power shall not exceed 400W
(3) The maximum continuous average load on +12V1& +12V2 outputs shall not exceed 30A
(4) Whe +5V output loading is 20A the +12V1,+12V2 min combine is 2A.
(5 )The +5V standby output shall remain on with the AC input power connected, whether the
powersupply DC outputs are disabled (Off) or enabled (On) by the remote on control signal.
2.3 Output Ripple
2.3.1 Ripple regulation
Parameter
Unit
+3.3V
mVp-p
+5V
mVp-p
+12V1
mVp-p
+12V2
mVp-p
-12V
mVp-p
+5VSB
mVp-p
2.3.2 Definition
The ripple voltage of the output shall be measured at the pins of the output connector
when terminated in the load impedance specified in figure 1. Ripple and noise are measured
at the connectors with a 0.1uF ceramic capacitor and a 10uF electrolytic capacitor to simulate
system loading. Ripple shall be measured under any condition of line voltage, output load, line
frequency,operation temperature.
120
50
120
120
(2) The maximum continuous combined load on +3.3VDC and +5VDC ourput shall not exceed 150W.
50
50
Ripple&Noise
AUDIT:____李復新
______CHECK:______余 朝 波______DESIGN:______劉永紅
______
ENH0800A
SPEC
REV:1.4
2 OF 8
2006/05/16


Similar Part No. - ENH0800A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
ENH084V1-300 WEDC-ENH084V1-300 Datasheet
168Kb / 16P
   ENH084V1-300/400 COLOR TFT-LCD MODULE
ENH084V1-300 WEDC-ENH084V1-300 Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
ENH084V1-400 WEDC-ENH084V1-400 Datasheet
168Kb / 16P
   ENH084V1-300/400 COLOR TFT-LCD MODULE
ENH084V1-400 WEDC-ENH084V1-400 Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
ENH084V1-XXX WEDC-ENH084V1-XXX Datasheet
168Kb / 16P
   Color TFT-LCD Module Features
More results

Similar Description - ENH0800A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ENO-0804A3 ETC2-ENO-0804A3 Datasheet
336Kb / 4P
   specification describes the requirements of 40 watts switching power supply
ENA-0806 ETC2-ENA-0806 Datasheet
117Kb / 4P
   specification describes the requirements of 60 watts switching power supply
ENP-0800 ETC2-ENP-0800 Datasheet
144Kb / 11P
   Specification describes the requirements of 125/150/160Watts switching Power supply
ATX0200 ETC2-ATX0200 Datasheet
268Kb / 11P
   specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W active P.F.C Switching Power Supply
SFX-0500 ETC2-SFX-0500 Datasheet
596Kb / 10P
   specification describes the requirements of 200,220,250,275Watts
ENS0575 ETC2-ENS0575 Datasheet
229Kb / 8P
   This specification describes the requirements of 650W/750Watts switching power
ENP7200 ETC2-ENP7200 Datasheet
320Kb / 8P
   This specification describes the requirements of 200/300/350Watt with full range voltage,switching power supply
logo
FSP TECHNOLOGY INC.
FSP550-50ARN FSP-FSP550-50ARN_15 Datasheet
202Kb / 1P
   specification describes a 550 watts power supply.
FSP400-60ETN FSP-FSP400-60ETN_15 Datasheet
101Kb / 1P
   specification describes a 400 watts power supply.
FSP350-50ERN FSP-FSP350-50ERN_15 Datasheet
214Kb / 1P
   specification describes a 350 watts power supply.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com