Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86L78 Datasheet(PDF) 42 Page - Zilog, Inc.

Part # Z86L78
Description  IR/Low-Voltage Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L78 Datasheet(HTML) 42 Page - Zilog, Inc.

Back Button Z86L78 Datasheet HTML 38Page - Zilog, Inc. Z86L78 Datasheet HTML 39Page - Zilog, Inc. Z86L78 Datasheet HTML 40Page - Zilog, Inc. Z86L78 Datasheet HTML 41Page - Zilog, Inc. Z86L78 Datasheet HTML 42Page - Zilog, Inc. Z86L78 Datasheet HTML 43Page - Zilog, Inc. Z86L78 Datasheet HTML 44Page - Zilog, Inc. Z86L78 Datasheet HTML 45Page - Zilog, Inc. Z86L78 Datasheet HTML 46Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
Z86L78
IR/Low-Voltage Microcontroller
Zilog
2-42
DS97LVO0701
FUNCTIONAL DESCRIPTION (Continued)
Stop-Mode Recovery Register (SMR). This register se-
lects the clock divide value and determines the mode of
Stop-Mode Recovery (Figure 33). All bits are Write Only
except bit 7, which is Read Only. Bit 7 is a flag bit that is
hardware set on the condition of STOP recovery and reset
by a power-on cycle. Bit 6 controls whether a low level or
a high level is required from the recovery source. Bit 5 con-
trols the reset delay after recovery. Bits D2, D3, and D4, of
the Stop-Mode Recovery signal. Bits D0 determines if
SCLK/TCLK are divided by 16 or not.
Figure 33. Stop-Mode Recovery Register
D7
D6
D5
D4
D3
D2
D1
D0
SMR (0F) 0B
SCLK/TCLK Divide-by-16
0 OFF
1 ON
Reserved (Must be 0)
Stop-Mode Recovery Source
000
001
010
011
100
101
11 0
111
Stop Delay
0 OFF
1 ON
Stop Recovery Level
0 Low
1 High
Stop Flag
0 POR
1 Stop Recovery**
* Default Setting After Reset
** Default Setting After Reset and Stop-Mode Recovery
**
*
*
*
*
POR Only
Reserved
P31
P32
P33
P27
P2 NOR 0-3
P2 NOR 0-7


Similar Part No. - Z86L78

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L70 ZILOG-Z86L70 Datasheet
349Kb / 61P
   IR/Low-Voltage Microcontroller
Z86L71 ZILOG-Z86L71 Datasheet
349Kb / 61P
   IR/Low-Voltage Microcontroller
Z86L7103ZEM ZILOG-Z86L7103ZEM Datasheet
45Kb / 7P
   ICEBOX FAMILY IN-CIRCUIT EMULATOR-L71
Z86L72 ZILOG-Z86L72 Datasheet
364Kb / 71P
   IR MICROCONTROLLER
Z86L7208FSC ZILOG-Z86L7208FSC Datasheet
364Kb / 71P
   IR MICROCONTROLLER
More results

Similar Description - Z86L78

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L88 ZILOG-Z86L88 Datasheet
599Kb / 66P
   IR/Low-Voltage Microcontroller
logo
Maxim Integrated Produc...
Z86L88 MAXIM-Z86L88 Datasheet
438Kb / 80P
   Low-Voltage IR Microcontroller
Rev 0; 4/09
logo
Zilog, Inc.
Z86L70 ZILOG-Z86L70 Datasheet
349Kb / 61P
   IR/Low-Voltage Microcontroller
Z86C72 ZILOG-Z86C72 Datasheet
364Kb / 71P
   IR MICROCONTROLLER
Z86L79 ZILOG-Z86L79 Datasheet
301Kb / 58P
   Low-Voltage Microcontroller
logo
ATMEL Corporation
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
   Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com