Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVTS12100EMFST1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVTS12100EMFST1G
Description  Very Low Leakage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTS12100EMFST1G Datasheet(HTML) 3 Page - ON Semiconductor

  NRVTS12100EMFST1G Datasheet HTML 1Page - ON Semiconductor NRVTS12100EMFST1G Datasheet HTML 2Page - ON Semiconductor NRVTS12100EMFST1G Datasheet HTML 3Page - ON Semiconductor NRVTS12100EMFST1G Datasheet HTML 4Page - ON Semiconductor NRVTS12100EMFST1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTS12100EMFS, NRVTS12100EMFS
http://onsemi.com
3
TYPICAL CHARACTERISTICS
80
90
100
110
120
130
140
150
160
170
0
5
10
15
20
25
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
90
70
60
50
40
30
10
0
Figure 5. Typical Junction Capacitance
Figure 6. Current Derating TO−220AB
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
TA = 125°C
TA = 150°C
TA = 25°C
TA = 125°C
TA = 150°C
TA = 125°C
TA = 150°C
TA = 25°C
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
20
80
100
TA = 125°C
TA = 150°C
TA = 25°C
TJ = 25°C
RqJC = 2.0 °C/W
Square Wave
DC
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TA = −55°C
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9 1.0
TA = 25°C
TA = −55°C
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
0
102030405060708090 100
100
1k
10k
0.1
1
10
100
TA = 175°C
TA = 175°C
1.E−07


Similar Part No. - NRVTS12100EMFST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTS12100MFS ONSEMI-NRVTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NRVTS12100MFST1G ONSEMI-NRVTS12100MFST1G Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NRVTS12100MFST3G ONSEMI-NRVTS12100MFST3G Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
More results

Similar Description - NRVTS12100EMFST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTS10120EMFS ONSEMI-NTS10120EMFS Datasheet
69Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
June, 2014 ??Rev. 0
NTST40H120ECTG ONSEMI-NTST40H120ECTG Datasheet
67Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
July, 2015 ??Rev. 1
NRVTS8120EMFS ONSEMI-NRVTS8120EMFS Datasheet
63Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
July, 2016 ??Rev. 0
NTS12120EMFS ONSEMI-NTS12120EMFS Datasheet
111Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
March, 2014 ??Rev. 1
NTS10100EMFS ONSEMI-NTS10100EMFS Datasheet
110Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
April, 2014 ??Rev. 1
NTSV20H120ECT ONSEMI-NTSV20H120ECT Datasheet
108Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSS3100 ONSEMI-NTSS3100 Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E_16 Datasheet
72Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NRVTSS5100E ONSEMI-NRVTSS5100E Datasheet
116Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com