Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS6A11AFT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NS6A11AFT3G
Description  Watt Peak Power Zener Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NS6A11AFT3G Datasheet(HTML) 4 Page - ON Semiconductor

  NS6A11AFT3G Datasheet HTML 1Page - ON Semiconductor NS6A11AFT3G Datasheet HTML 2Page - ON Semiconductor NS6A11AFT3G Datasheet HTML 3Page - ON Semiconductor NS6A11AFT3G Datasheet HTML 4Page - ON Semiconductor NS6A11AFT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NS6A5.0AFT3G, SZNS6A5.0AFT3G Series
http://onsemi.com
4
Vin
VL
Zin
LOAD
01
2
3
4
0
50
100
t, TIME (ms)
HALF VALUE -
IPP
2
PEAK VALUE - IPP
tr ≤ 10 ms
Figure 1. 10
× 1000 ms Pulse Waveform
Figure 2. Pulse Derating Curve
100
80
60
40
20
0
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
120
140
160
tP
PULSE WIDTH (tP) IS DEFINED AS
THAT POINT WHERE THE PEAK
CURRENT DECAYS TO 50% OF IPP.
Figure 3. Typical Protection Circuit


Similar Part No. - NS6A11AFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A12AT3G ONSEMI-NS6A12AT3G Datasheet
103Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressor
August, 2014 ??Rev. 0
logo
Littelfuse
NS6A12AT3G LITTELFUSE-NS6A12AT3G Datasheet
229Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressor
logo
ON Semiconductor
NS6A13AT3G ONSEMI-NS6A13AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressor
November, 2008 ??Rev. 1
logo
Littelfuse
NS6A13AT3G LITTELFUSE-NS6A13AT3G Datasheet
239Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressor
More results

Similar Description - NS6A11AFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB10CAT3 ONSEMI-1SMB10CAT3 Datasheet
54Kb / 6P
   Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
1SMB10CAT3 ONSEMI-1SMB10CAT3_06 Datasheet
67Kb / 7P
   Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMA30CAT3G ONSEMI-SZ1SMA30CAT3G Datasheet
129Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
   40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com