Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLV17SGU04DFT2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLV17SGU04DFT2G
Description  Unbuffered Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV17SGU04DFT2G Datasheet(HTML) 5 Page - ON Semiconductor

  NLV17SGU04DFT2G Datasheet HTML 1Page - ON Semiconductor NLV17SGU04DFT2G Datasheet HTML 2Page - ON Semiconductor NLV17SGU04DFT2G Datasheet HTML 3Page - ON Semiconductor NLV17SGU04DFT2G Datasheet HTML 4Page - ON Semiconductor NLV17SGU04DFT2G Datasheet HTML 5Page - ON Semiconductor NLV17SGU04DFT2G Datasheet HTML 6Page - ON Semiconductor NLV17SGU04DFT2G Datasheet HTML 7Page - ON Semiconductor NLV17SGU04DFT2G Datasheet HTML 8Page - ON Semiconductor NLV17SGU04DFT2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NL17SGU04
http://onsemi.com
5
Figure 5. Switching Waveforms
Figure 6. Test Circuit
GND
50%
50% VCC
A or B
Y
tPHL
tPLH
50%
VCC
INPUT
CL*
*Includes all probe and jig capacitances
A 1−MHz square input wave is recommended
for propagation delay tests.
OUTPUT
ORDERING INFORMATION
Device
Package
Shipping
NL17SGU04P5T5G
SOT−953
(Pb−Free)
8000 / Tape & Reel
NL17SGU04DFT2G
SC−88A
(Pb−Free)
3000 / Tape & Reel
NLV17SGU04DFT2G*
SC−88A
(Pb−Free)
3000 / Tape & Reel
NL17SGU04AMUTCG
(In Development)
UDFN6 1.45x1 mm
(Pb−Free)
3000 / Tape & Reel
NL17SGU04CMUTCG
(In Development)
UDFN6 1x1 mm
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - NLV17SGU04DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV17SGU04DFT2G ONSEMI-NLV17SGU04DFT2G Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
More results

Similar Description - NLV17SGU04DFT2G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_15 Datasheet
166Kb / 9P
   Unbuffered Inverter
logo
E-Tech Electronics LTD
MC74VHC1GU04 ETL-MC74VHC1GU04 Datasheet
575Kb / 4P
   Unbuffered Inverter
logo
Nexperia B.V. All right...
74LVC1GU04-Q100 NEXPERIA-74LVC1GU04-Q100 Datasheet
229Kb / 13P
   Unbuffered inverter
Rev. 4 - 12 January 2022
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A Datasheet
87Kb / 10P
   Unbuffered Inverter
logo
Hitachi Semiconductor
HD74HC1GU04 HITACHI-HD74HC1GU04 Datasheet
48Kb / 8P
   Unbuffered Inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04 Datasheet
181Kb / 8P
   Unbuffered Inverter
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_08 Datasheet
111Kb / 8P
   Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com