Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86C63 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z86C63
Description  CMOS Z8 32K ROM MICROCONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C63 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z86C63 Datasheet HTML 1Page - Zilog, Inc. Z86C63 Datasheet HTML 2Page - Zilog, Inc. Z86C63 Datasheet HTML 3Page - Zilog, Inc. Z86C63 Datasheet HTML 4Page - Zilog, Inc. Z86C63 Datasheet HTML 5Page - Zilog, Inc. Z86C63 Datasheet HTML 6Page - Zilog, Inc. Z86C63 Datasheet HTML 7Page - Zilog, Inc. Z86C63 Datasheet HTML 8Page - Zilog, Inc. Z86C63 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Z86C63/64
CPS DC-5461-02
PRELIMINARY
GENERAL DESCRIPTION
Port 3
UART
Counter/
Timers
(2)
Interrupt
Control
Port 2
I/O
(Bit Programmable)
ALU
FLAGS
Register
Pointer
Register File
256 x 8-Bit
Machine Timing and
Instruction Control
Prg. Memory
32,768
x 8-Bit
Program
Counter
Vcc
GND
XTAL
44
Port 0
Output
Input
Address or I/O
(Nibble Programmable)
Port 1
8
Address/Data or I/O
(Byte Programmable)
/AS /DS R//W /RESET
Z86C63 Functional Block Diagram


Similar Part No. - Z86C63

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C60 ZILOG-Z86C60 Datasheet
58Kb / 7P
   CMOS Z8 32KROMMICROCONTROLLER
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
Z86C6116PSC ZILOG-Z86C6116PSC Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
Z86C6116VSC ZILOG-Z86C6116VSC Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
Z86C62 ZILOG-Z86C62 Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
More results

Similar Description - Z86C63

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C21 ZILOG-Z86C21 Datasheet
413Kb / 35P
   8K ROM Z8 CMOS MICROCONTROLLER
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
   CMOS Z8 16K ROM Microcontroller
Z86E61 ZILOG-Z86E61 Datasheet
466Kb / 44P
   CMOS Z8 16K/32K EPROM MICROCONTROLLER
Z86E6116PSC ZILOG-Z86E6116PSC Datasheet
2Mb / 69P
   Z86E61/Z86E63 CMOS Z8 16K/32K EPROM Microcontroller
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
   CMOS Z8 Microcontroller
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
   CMOS Z8 MICROCONTROLLER
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
   CMOS Z8 MICROCONTROLLER
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
   CMOS Z8 MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
   CMOS Z8 8BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com