Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37640E8FP Datasheet(PDF) 51 Page - Mitsubishi Electric Semiconductor

Part # M37640E8FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCONTROLLER
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37640E8FP Datasheet(HTML) 51 Page - Mitsubishi Electric Semiconductor

Back Button M37640E8FP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M37640E8FP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M37640E8FP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M37640E8FP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M37640E8FP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M37640E8FP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M37640E8FP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M37640E8FP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M37640E8FP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 172 page
background image
7600 Series
Mitsubishi Microcomputer
M37640E8-XXXF Preliminary Specification
Input and Output Ports
7/9/98
2-39
Port 84
This pin is multiplexed with the UART1 TxD signal. When UART1 is in transmit mode, the pin
acts as the TxD output signal.
Figure 2-46. Port P84 Block Diagram
Port 85
This pin is multiplexed with the UART1 RxD signal. When UART1 is in receive mode, the pin acts
as the RxD input signal.
Figure 2-47. Port P85 Block Diagram
Port 86
This pin is multiplexed with the UART1 CTS signal. When bit 5 of the UART1 control register
(U1CON) is a “1”, the port acts as the CTS input signal.
Figure 2-48. Port P86 Block Diagram
Direction Register
Data Bus
Port Latch
UART1 Transmit Control Bit
UART1 TxD Output
Direction Register
Data Bus
Port Latch
UART1 receive control Bit
UART1 RxD input
Direction Register
Data Bus
Port Latch
UART1 CTS Enable Bit
UART1 CTS input


Similar Part No. - M37640E8FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37640E8FP MITSUBISHI-M37640E8FP Datasheet
1Mb / 96P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37640E8FP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com