Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4281DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DR
Description  Voltage-Feedback Operational Amplifier
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4281DR Datasheet HTML 2Page - Texas Instruments THS4281DR Datasheet HTML 3Page - Texas Instruments THS4281DR Datasheet HTML 4Page - Texas Instruments THS4281DR Datasheet HTML 5Page - Texas Instruments THS4281DR Datasheet HTML 6Page - Texas Instruments THS4281DR Datasheet HTML 7Page - Texas Instruments THS4281DR Datasheet HTML 8Page - Texas Instruments THS4281DR Datasheet HTML 9Page - Texas Instruments THS4281DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
THS4281
SLOS432B – APRIL 2004 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics, VS = 3 V (VS+ = 3 V, VS– = GND) (continued)
At G = +2, RF = 2.49 kΩ, and RL = 1 kΩ to 1.5 V, TA = 25°C unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT CHARACTERISTICS
RL = 10 kΩ
0.04/2.96
V
25°C
0.14/2.86
0.1/2.9
Output Voltage Swing
RL = 1 kΩ
0°C to 70°C
0.2/2.8
V
–40°C to +85°C
0.2/2.8
25°C
18
23
Output Current (Sourcing)
RL = 10 Ω
0°C to 70°C
15
mA
–40°C to +85°C
15
25°C
22
29
Output Current (Sinking)
RL = 10 Ω
0°C to 70°C
19
mA
–40°C to +85°C
19
Output Impedance
f = 1 MHz
1
Ω
POWER SUPPLY
25°C
3
16.5
Maximum Operating Voltage
0°C to 70°C
16.5
V
–40°C to +85°C
16.5
25°C
2.7
3
Minimum Operating Voltage
0°C to 70°C
2.7
V
–40°C to +85°C
2.7
25°C
0.75
0.9
Maximum Quiescent Current
0°C to 70°C
0.98
mA
–40°C to +85°C
1
25°C
0.6
0.75
Minimum Quiescent Current
0°C to 70°C
0.57
mA
–40°C to +85°C
0.55
25°C
70
90
Power-Supply Rejection (+PSRR)
VS+ = 3.25 V to 2.75 V, VS– = 0 V
0°C to 70°C
65
dB
–40°C to +85°C
65
25°C
70
90
Power-Supply Rejection (–PSRR)
VS+ = 3 V, VS– = 0 V to 0.65 V
0°C to 70°C
65
dB
–40°C to +85°C
65
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: THS4281


Similar Part No. - THS4281DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4281DR TI-THS4281DR Datasheet
1Mb / 31P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4281DR NSC-THS4281DR Datasheet
1Mb / 37P
   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4281DR TI1-THS4281DR Datasheet
1Mb / 38P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
THS4281DRG4 TI-THS4281DRG4 Datasheet
1Mb / 31P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4281DRG4 NSC-THS4281DRG4 Datasheet
1Mb / 37P
   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
More results

Similar Description - THS4281DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA687 TI1-OPA687 Datasheet
301Kb / 17P
[Old version datasheet]   Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com