Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3122ID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS3122ID
Description  Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3122ID Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS3122ID Datasheet HTML 2Page - Texas Instruments THS3122ID Datasheet HTML 3Page - Texas Instruments THS3122ID Datasheet HTML 4Page - Texas Instruments THS3122ID Datasheet HTML 5Page - Texas Instruments THS3122ID Datasheet HTML 6Page - Texas Instruments THS3122ID Datasheet HTML 7Page - Texas Instruments THS3122ID Datasheet HTML 8Page - Texas Instruments THS3122ID Datasheet HTML 9Page - Texas Instruments THS3122ID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
THS3122, THS3125
SLOS382E – SEPTEMBER 2001 – REVISED MAY 2015
www.ti.com
7.6 Electrical Characteristics: DC Performance
Over operating free-air temperature range, TA = +25°C, VCC = ±15 V, RF = 750 Ω, and RL = 100 Ω (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
TA = +25°C
6
±20
mV
VIC = 0 V, VO = 0 V,
VIO
Input offset voltage
VCC = ±5 V, VCC = ±15 V
TA = full range
±25
mV
TA = +25°C
1
3
mV
VIC = 0 V, VO = 0 V,
Channel offset voltage matching
VCC = ±5 V, VCC = ±15 V
TA = full range
4
mV
VIC = 0 V, VO = 0 V,
Offset drift
TA = full range
10
µV/°C
VCC = ±5 V, VCC = ±15 V
TA = +25°C
6
23
µA
VIC = 0 V, VO = 0 V,
IN- Input bias current
VCC = ±5 V, VCC = ±15 V
TA = full range
30
µA
IIB
TA = +25°C
0.33
2
µA
VIC = 0 V, VO = 0 V,
IN+ Input bias current
VCC = ±5 V, VCC = ±15 V
TA = full range
3
µA
TA = +25°C
5.4
22
µA
VIC = 0 V, VO = 0 V,
IIO
Input offset current
VCC = ±5 V, VCC = ±15 V
TA = full range
30
µA
ZOL
Open-loop transimpedance
VCC = ±5 V, VCC = ±15 V
RL = 1 kΩ
1
M
7.7 Electrical Characteristics: Input Characteristics
Over operating free-air temperature range, TA = +25°C, VCC = ±15 V, RF = 750 Ω, and RL = 100 Ω (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
VCC = ±5 V
TA = full range
±2.5
±2.7
V
VICR
Input common-mode voltage range
VCC= ±15 V
TA = full range
±12.5
±12.7
V
TA = +25°C
58
62
dB
VCC = ±5 V, VI = –2.5 V to +2.5 V
TA = full range
56
dB
CMRR
Common-mode rejection ratio
TA = +25°C
63
67
dB
VCC = ±15 V, VI = –12.5 V to +12.5 V
TA = full range
60
dB
IN+
1.5
M
RI
Input resistance
IN–
15
CI
Input capacitance
2
pF
7.8 Electrical Characteristics: Output Characteristics
Over operating free-air temperature range, TA = +25°C, VCC = ±15 V, RF = 750 Ω, and RL = 100 Ω (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G = 4,
VI = 1.06 V, VCC = ±5 V,
RL = 1 kΩ
TA = +25°C
4.1
V
TA = +25°C
3.8
4
V
G = 4,
VI = 1.025 V, VCC= ±5 V,
RL = 50Ω
TA = full range
3.7
V
VO
Output voltage swing
G = 4,
VI = 3.6 V, VCC= ±15 V,
RL = 1 kΩ
TA = +25°C
14.2
V
TA = +25°C
12
13.3
V
G = 4,
VI = 3.325 V, VCC= ±15 V,
RL = 50Ω
TA = full range
11.5
V
G = 4,
VI = 1.025 V, VCC= ±5 V,
RL = 10 Ω
TA = +25°C
200
280
mA
IO
Output current drive
G = 4,
VI = 3.325 V, VCC = ±15 V,
RL = 25 Ω
TA = +25°C
360
440
mA
ro
Output resistance
Open loop
TA = +25°C
14
6
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: THS3122 THS3125


Similar Part No. - THS3122ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122ID TI-THS3122ID Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3122IDDA TI-THS3122IDDA Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3122IDDAR TI-THS3122IDDAR Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3122IDR TI-THS3122IDR Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3122IDRG4 TI-THS3122IDRG4 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
More results

Similar Description - THS3122ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com