Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA695IDBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695IDBVRG4
Description  Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA695IDBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  OPA695IDBVRG4 Datasheet HTML 1Page - Texas Instruments OPA695IDBVRG4 Datasheet HTML 2Page - Texas Instruments OPA695IDBVRG4 Datasheet HTML 3Page - Texas Instruments OPA695IDBVRG4 Datasheet HTML 4Page - Texas Instruments OPA695IDBVRG4 Datasheet HTML 5Page - Texas Instruments OPA695IDBVRG4 Datasheet HTML 6Page - Texas Instruments OPA695IDBVRG4 Datasheet HTML 7Page - Texas Instruments OPA695IDBVRG4 Datasheet HTML 8Page - Texas Instruments OPA695IDBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
OPA695
www.ti.com
SBOS293H – DECEMBER 2003 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
RF = 348 Ω, RL = 100 Ω to VS/2, and G = +8, (see Figure 50 for AC performance only), unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL
(1)
AC PERFORMANCE (see Gain 2V/V Video Line Driver)
G = +1, RF = 523 Ω
25°C
1700
C
G = +2, RF = 511 Ω
25°C
1400
C
25°C(2)
400
450
Small-signal bandwidth
MHz
(VO = 0.5 VPP)
G = +8, RF = 402 Ω
0°C to 70°C(3)
380
B
–40°C to +85°C(3)
350
G = +16, RF = 249 Ω
25°C
350
C
Bandwidth for 0.2-dB gain
G = +2, VO = 0.5 VPP, RF =523 Ω 25°C
320
MHZ
B
flatness
25°C(2)
4.6
5.4
Peaking at a gain of +1
RF = 523 Ω, VO = 0.5 VPP
0°C to 70°C(3)
5.8
dB
B
–40°C to +85°C(3)
6
Large-signal bandwidth
G = +8, VO = 4 VPP
25°C
450
MHz
c
25°C(2)
3700
4300
G = –8, VO = 4-V Step
0°C to 70°C(3)
3600
–40°C to +85°C(3)
3500
Slew Rate
V/
μs
B
25°C(2)
2600
2900
G = +8, VO = 4-V Step
0°C to 70°C(3)
2500
–40°C to +85°C(3)
2400
G = +8, VO = 0.5-V Step
25°C
0.8
Rise-and-fall time
ns
C
G = +8, VO = 4-V Step
25°C
1
to 0.02%
25°C
16
Settling time
G = +8, VO = 2-V Step
ns
C
to 0.1%
25°C
10
25°C(2)
–65
–62
RL = 100 Ω
0°C to 70°C(3)
–60
–40°C to +85°C(3)
–59
2nd-
harmonic
25°C(2)
–78
–76
RL ≥ 500 Ω
0°C to 70°C(3)
–74
Harmonic
–40°C to +85°C(3)
–73
distortion (G = +8,
dBc
B
f = 10 MHz, VO = 2
25°C(2)
–86
–84
VPP)
RL = 100 Ω
0°C to 70°C(3)
–75
–40°C to +85°C(3)
–72
3rd-
harmonic
25°C(2)
–86
–82
RL ≥ 500 Ω
0°C to 70°C(3)
–81
–40°C to +85°C(3)
–80
25°C(2)
1.8
2
Input voltage noise
f > 1 MHz
0°C to 70°C(3)
2.7 nV/
√Hz
B
–40°C to +85°C(3)
2.9
25°C(2)
18
19
Noninverting input current noise
f > 1 MHz
0°C to 70°C(3)
21 nV/
√Hz
B
–40°C to +85°C(3)
22
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25°C specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient +15°C at high temperature limit for over
temperature specifications.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA695


Similar Part No. - OPA695IDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695IDBVRG4 TI1-OPA695IDBVRG4 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results

Similar Description - OPA695IDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com