Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA657 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657
Description  1.6-GHz, Low-Noise, FET-Input Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA657 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 6Page - Texas Instruments OPA657 Datasheet HTML 7Page - Texas Instruments OPA657 Datasheet HTML 8Page - Texas Instruments OPA657 Datasheet HTML 9Page - Texas Instruments OPA657 Datasheet HTML 10Page - Texas Instruments OPA657 Datasheet HTML 11Page - Texas Instruments OPA657 Datasheet HTML 12Page - Texas Instruments OPA657 Datasheet HTML 13Page - Texas Instruments OPA657 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
100
1k
CapacitiveLoad(pF)
100
10
1
ForMaximally-FlatFrequencyResponse
1
10
100
500
Frequency(MHz)
23
20
17
14
11
8
5
2
R
S
50W
1kW
V
I
V
O
C
L
50W
453W
OPA657
C =22pF
L
C =100pF
L
C =10pF
L
1k
100k
1M
10M
10k
100M
Frequency(Hz)
110
100
90
80
70
60
50
40
30
20
CMRR
+PSRR
-PSRR
270
225
180
135
90
45
0
45
40
20
0
20
40
60
80
100
Frequency (Hz)
Aol Magnitude
Aol Phase
D001
20log
10(AOL)
ÐAOL
100
1k
10k
100k
1M
10M
100M
1G
-10
-8
-6
-4
-2
4
2
0
6
8
Single-
ower(dBm)
ToneLoadP
-50
-60
-70
-80
-90
-100
5MHz
15MHz
20MHz
10MHz
50W
50W
50W
P
I
P
O
50W
453W
OPA657
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
100
10
1
InputVoltageNoise4.8nV/ÖHz
InputCurrentNoise1.3fA/ÖHz
OPA657
SBOS197F – DECEMBER 2001 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics: VS = ±5 V (continued)
At TA = 25°C, G = 10 V/V, RF = 453 Ω, and RL = 100 Ω, unless otherwise noted.
Figure 13. Input Current And Voltage Noise Density
Figure 14. 2-Tone, 3rd-Order IMD Spurious
Figure 16. Open-Loop Gain and Phase
Figure 15. Common-Mode Rejection Ratio and Power-
Supply Rejection Ratio vs Frequency
Figure 17. Recommended RS vs Capacitive Load
Figure 18. Frequency Response vs Capacitive Load
10
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: OPA657


Similar Part No. - OPA657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA657 BURR-BROWN-OPA657 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA657 TI1-OPA657 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
OPA657 TI-OPA657 Datasheet
1Mb / 25P
[Old version datasheet]   OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
JULY 2022
More results

Similar Description - OPA657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA657-DIE TI1-OPA657-DIE Datasheet
94Kb / 5P
[Old version datasheet]   1.6-GHz, Low-Noise, FET-Input Operational Amplifier
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
   LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
   LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
   J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com