Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6552SD Datasheet(PDF) 9 Page - Texas Instruments

Part # LMH6552SD
Description  1.5-GHz Fully Differential Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6552SD Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6552SD Datasheet HTML 5Page - Texas Instruments LMH6552SD Datasheet HTML 6Page - Texas Instruments LMH6552SD Datasheet HTML 7Page - Texas Instruments LMH6552SD Datasheet HTML 8Page - Texas Instruments LMH6552SD Datasheet HTML 9Page - Texas Instruments LMH6552SD Datasheet HTML 10Page - Texas Instruments LMH6552SD Datasheet HTML 11Page - Texas Instruments LMH6552SD Datasheet HTML 12Page - Texas Instruments LMH6552SD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
1
10
100
1000
10000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
RL = 200:
RL = 1 k:
RL = 500:
RL = 800:
V
+
= +5V
V
-
= -5V
AV = 1 V/V
RF = 357:
VOUT = 0.2 VPP
SINGLE-ENDED INPUT
1
10
100
1000
10000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
RL = 200:
RL = 1 k:
RL = 500:
RL = 800:
V
+
= +5V
V
-
= -5V
AV = 1 V/V
RF = 357:
VOUT = 2 VPP
SINGLE-ENDED INPUT
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
1
10
100
10000
FREQUENCY (MHz)
1000
V
+
= +2.5V
V
-
= -2.5V
RL = 500:
RF = 357:
VOD = 0.2 VPP
AV = 1 V/V
V
+
= +5V
V
-
= -5V
RL = 500:
RF = 357:
DIFFERENTIAL INPUT
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
1
10
100
10000
FREQUENCY (MHz)
1000
V
+
= +2.5V
V
-
= -2.5V
RL = 1 k:
RF = 301:
VOD = 0.2 VPP
AV = 1 V/V
V
+
= +5V
V
-
= -5V
RL = 1 k:
RF = 301:
DIFFERENTIAL INPUT
1
10
100
1000
10000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
V
+
= +5V
V
-
= -5V
AV = 2 V/V
DIFFERENTIAL INPUT
VOD = 4 VPP
VOD = 2 VPP
VOD = 0.5 VPP
1
10
100
1000
10000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
V
+
= +5V
V
-
= -5V
AV = 2 V/V
SINGLE-ENDED INPUT
VOD = 4 VPP
VOD = 2 VPP
VOD = 0.5 VPP
LMH6552
www.ti.com
SNOSAX9I – APRIL 2007 – REVISED JANUARY 2015
Typical Characteristics V
+ = +5 V, V= −5 V (continued)
(TA = 25°C, RF = RG = 357Ω, RL = 500Ω, AV = 1, for single ended in, differential out, unless specified).
Figure 3. Frequency Response vs VOUT
Figure 4. Frequency Response vs VOUT
Figure 5. Frequency Response vs Supply Voltage
Figure 6. Frequency Response vs Supply Voltage
Figure 7. Frequency Response vs Resistive Load
Figure 8. Frequency Response vs Resistive Load
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6552


Similar Part No. - LMH6552SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6552SDNOPB TI1-LMH6552SDNOPB Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
LMH6552SDXNOPB TI1-LMH6552SDXNOPB Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
More results

Similar Description - LMH6552SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6552 TI1-LMH6552_14 Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
[Old version datasheet]   2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554_14 Datasheet
1Mb / 24P
   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554 TI-LMH6554_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
[Old version datasheet]   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com