Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

54ABT241 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 54ABT241
Description  Octal Buffer/Line Driver with TRI-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

54ABT241 Datasheet(HTML) 3 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics
Symbol
Parameter
Min
Max
Units
V
CC
Conditions
C
L = 50 pF,
R
L = 500Ω
V
OLP
Quiet Output Maximum Dynamic V
OL
0.67
V
5.0
T
A = 25˚C (Note 5)
V
OLV
Quiet Output Minimum Dynamic V
OL
-1.35
V
5.0
T
A = 25˚C (Note 5)
Note 5: Max number of outputs defined as (n).n−1 data inputs are driven 0V to 3V. One output at LOW. Guaranteed, but not tested.
AC Electrical Characteristics
Symbol
Parameter
T
A = −55˚C to +125˚C
Units
Fig.
No.
V
CC = 4.5V– 5.5V
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
0.8
5.3
ns
t
PHL
Data to Outputs
0.8
5.0
t
PZH
Output Enable
1.0
7.0
ns
t
PZL
Time
1.0
7.0
t
PHZ
Output Disable
0.8
7.9
ns
t
PLZ
Time
0.8
6.2
Capacitance
Symbol
Parameter
Typ
Units
Conditions
T
A = 25˚C
C
IN
Input Capacitance
5.0
pF
V
CC = 0V
C
OUT (Note 6)
Output Capacitance
9.0
pF
V
CC = 5.0V
Note 6: COUT is measured at frequency f = 1 MHz, per MIL-STD-883B, Method 3012.
3
www.national.com
PrintDate=1998/07/13 PrintTime=19:04:10 43584 ds100215 Rev. No. 1
cmserv
Proof
3


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54ACTQ241Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
MN54ABT240OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS 1 2 3 4 5 MoreNational Semiconductor (TI)
54ABT240Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54ACTQ541Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54ABT244Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54ABT541Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54AC240Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54F540DMOctal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54AC241Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54FCT240Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn