Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T480003 Datasheet(PDF) 1 Page - E-SWITCH

Part # T480003
Description  400UDP1L1BLKM2RE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T480003 Datasheet(HTML) 1 Page - E-SWITCH

  T480003 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
400UDP1L1BLKM2RE
2.5:1
8/11/2015
T480003
A
rc
1
1
6
5
41
2
3
PCB LAYOUT
A
21954
NEW RELEASE
8/14/15
rc
3.8
[.148 in]
7.00
[.276 in]
2.60
[.102 in]
.50
[.020 in]
2.54
[.100 in]
2.54
[.100 in]
5.08
[.200 in]
.30
[.012 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACTS: GOLD PLATED
5. RATING: 0.4 VA max. @ 20V AC OR DC max.
6. CONTACT RESISTANCE: <100 MILLI-OHM
7. ELECTRICAL LIFE: 6,000 MAKE-AND-BREAK CYCLES.
8. INSULATION RESISTANCE: 500 MEGA-OHM min.
9. DIELECTRIC STRENGTH: 500 V RMS @SEA LEVEL.
10. OPERATING TEMP.: -30°C to 85°C
11.
DENOTES CRITICAL PARAMETER.
12. SEAL RATING: IP67
13. 2002/95/EC (ROHS) COMPLIANT
.89
[.035 in]
2.54
[.100 in]
2.54
[.100 in]
5.08
[.200 in]
4.90
[.193 in]
5
2
63
CIRCUIT: DPDT
ON - ON
1
4
6
3
2
1
4
5
3
2
1
L1 LEVER
BLACK
2.98
[.117 in]
POS 1
POS 3
7.40
[.291 in]
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3; 5-6
NONE
2-1; 5-4


Similar Part No. - T480003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T480000 E-SWITCH-T480000 Datasheet
106Kb / 1P
   400UDP1R1BLKM2RE
T480001 E-SWITCH-T480001 Datasheet
129Kb / 1P
   400UDP1R1BLKM6RE
T480002 E-SWITCH-T480002 Datasheet
120Kb / 1P
   400UDP1R1BLKM7RE
T480004 E-SWITCH-T480004 Datasheet
126Kb / 1P
   400UDP1L1BLKM6RE
T480005 E-SWITCH-T480005 Datasheet
120Kb / 1P
   400UDP1L1BLKM7RE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com