Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PG640480-A Datasheet(PDF) 1 Page - Powertip Technology

Part No. PG640480-A
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERTIP [Powertip Technology]
Homepage  http://www.powertip.com.tw
Logo 

PG640480-A Datasheet(HTML) 1 Page - Powertip Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
197.0 x 145.0
153.0 x 115 .7
0.217 x 0.217
0.237 x 0.237
Module
W /O B/L
EL B/L
CCFL B/L
H2 / H1
8.5 / 11.0
/
Vdd+0.3
V
V
V
45.0
6.0
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
0
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
N
W
Vdd=5V
ELECTRICAL CHARACTERISTICS
Typical
N W
Max. Units
V
V
V
V
V
V
mA
mA
mA
3
N W
22.3
PG 640480-A
PG 640480-A
Power supply voltage Vdd-Vss
25oC
V
3
5.5
23.5
20.5
/
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8~11
12~15
FLM
CL1
CL2
DISPOFF
Vdd
Vss
Vee
UD0~UD3
LD0~LD3
Shift direction select
Display data input clock
"H":Display ON; "L":Display OFF
Power supply (+)
Power supply ( )
Contrast adjust
Upper screen display data
Lower screen display data
Display data input clock
UD0~UD3
FP,LP,DISP
LP,SCP,DISP
VSS
VDD
LD0~LD3
VEE
1 VFL
2 NC
3 NC
4 VFLG
AC Singnal Generator
LP
Bias Circuit Generator
M
CCFL Back-Ligh
SEG Dirvers (Upper)
640 x 480 LCD PANEL
SEG Dirvers (Lower)
2-R1.6 0.2
Connector:MOLEX 53261-1590
2- 3.2
0.2
8.05
DOTS SCALE:30/1
4
1
2.5
5.0
1
4
11.0MAX.
8.5MAX.
3.0
20.0
(22.75)
(23.42)
7.25
197.0 0.5
191.0
158.5 0.5
153.0MIN.(V/A)
151.66(A/A)
(120.0)
DOTS 640 x 480
0.217
MITSUMI:M63-M83-04
0.02
1
4


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PC1601LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-BOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PE1602-001OUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG12864-QOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-FOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-HOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG160128-AOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-GOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-JOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn