Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PG320240-H-P2 Datasheet(PDF) 1 Page - Powertip Technology

Part No. PG320240-H-P2
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERTIP [Powertip Technology]
Homepage  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PG320240-H-P2 Datasheet(HTML) 1 Page - Powertip Technology

  PG320240-H-P2 Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PG320240-H-P2
(WHITE LED BACKLIGHT)
…….
OUTLINE DIMENSION & BLOCK DIAGRAM
REMARK
LCD option: STN, FSTN
Backlight Option: EL, LED
MECHNICAL SPECIFICATION
Overall Size
92.0 x 71.3 mm
Module
H2 / H1
View Area
78.78 x 59.58 mm
W/O B/L
- / -
Dot Size
0.22 x 0.22 mm
EL B/L
- / - mm
Dot Pitch
0.24 x 0.24 mm
LED B/L
6.9 / 9.3 mm
PIN ASSIGNMENT
Pin No.
Symbol
Function
1
FLM
Display cycle
2
M
AC signal input
3
CL1
Bi-directional shift register
4
CL2
Clock input pin
5
/D-OFF
Control input
6~9
DB0~3
Display data input
10
VDD
Logic system power supply
11
VSS
Ground
12
VEE
LCD operator voltage
13
VSS
Ground
14
NC
No connection
15
A
Power supply(LED+)
16
K
Power supply (LED-)
ABSOLUTE MAXIMUM RATING
Item
Symbol
Condition
Min.
Max. Units
Supply for logic voltage
VDD-VSS
25°C
-0.3
7.0
V
LCD driving supply voltage
VDD-VEE
25°C
-
21.8
V
Input Voltage
VIN
25°C
-0.3
Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item
Symbol Condition
Min.
Typical
Max. Units
Power supply voltage
VDD-VSS
25°C
2.5
5.0
5.5
V
TOP
N W N W N W
V
-20°C
22.0
22.3
22.6
V
0°C
V
25°C
20.7
21.0
21.3
V
50°C
V
LCD operation voltage
VOP
70°C
18.7
19.0
19.3
V
IDD
VDD=5V
12.0
20.0
mA
LCM current consumption (No B/L)
IEE
VDD=5V
mA
Backlight current consumption
IFLED
VB/L=3.3V
80.0
mA


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PC1601LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-BOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PE1602-001OUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG12864-QOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-FOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-HOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG160128-AOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-GOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-JOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn