Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PG320240-F Datasheet(PDF) 1 Page - Powertip Technology

Part No. PG320240-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERTIP [Powertip Technology]
Homepage  http://www.powertip.com.tw
Logo 

PG320240-F Datasheet(HTML) 1 Page - Powertip Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
PG 320240-F
PG 320240-F
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
167.1 x 109.0
122.0 x 92.0
0.33 x 0.33
0.36 x 0.36
Module
W /O B/L
EL B/L
CCFL B/L
H2 / H1
/
6.5 / 9.5
Vdd-0.3
V
V
V
35.0
7.0
Item
Supply for logic voltage
LCD driving supply voltage
Input Voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
0
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
N
W
Vdd=5V
ELECTRICAL CHARACTERISTICS
Typical
N W
Max. Units
V
V
V
V
V
V
mA
mA
mA
N W
31.1
20.5
24.5
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vo
Vdd
Vss
Vee
DB0
DB1
DB2
DB3
D-OFF
FGND
Power supply (+)
N.V. input
Data bus line
Column output control
Frame ground
3.5
Contrast adjust
CL2
Clock signal intput
CL1
Clock signal input
FLM
Shift direction select
/
Data bus line
Data bus line
Data bus line
N.C
No connection
Power supply (GND)
Power Supply Voltage Vdd-Vss
V
25oC
7
4.5
5.5
FLM
Vo
Vss
BL1
BL2
CL1,CL2
Vdd
Vee
DB0~DB3
D-OFF
M MODULATION CIRCUIT
LCD PANEL
2
BACKLIGHT
COM. DRIVER x 3
BIAS
2
4
2
2
240
4
SEG. DRIVER x 4
4
4
320
0.33
0.03
115.17
122.0
141.0
152.0
160.0
167.1 0.5
86.0
4.0
11.0
14.0
4- 3.5
320 x 240 Dots
137.0
13.0
18.75
16.25
1
14
30.0
7.1
0.3
(100.0)
1
4
Dot Size


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PC1601LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-BOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PE1602-001OUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG12864-QOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-GOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-HOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG160128-AOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-H-P2OUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-JOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn