Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA12E09-P1J Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SGA12E09-P1J
Description  12W AC-DC High Reliability Slim Wall-mounted Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SGA12E09-P1J Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SGA12E09-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SGA12E09-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SGA12E09-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12E series
■ Features
■ Applications
■ Model Encoding
-
E05
SGA
P1J
12
Series name
Output wattage
European 2 pin AC plug
Output voltage
DC plug type
■ Description
File Name:SGA12E-SPEC 2015-12-17
Ultra slim
Universal AC input / Full range
2 pole EURO plug
No load power consumption <0.075W
Energy efficiency Level Ⅵ
Comply with EU ErP and meet CoC version 5
Class
power (without earth pin)
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
Pass LPS
3 years warranty
Consumer electronic devices
Telecommunication devices
Office facilities
Industrial equipments
SGA12E is a 12W ultra slim wall-mounted style single-output green adaptor series, which is compact and
convenient for carry. SGA12E is a class
power unit (without FG) equipped with the standard 2-Pole
European plug, accepting the input range from 90VAC to 264VAC. The whole series provides different
models with output voltages ranging between 5VDC and 48VDC that it can satisfy the demands for various
types of consumer electronic devices.
With the efficiency up to 88% and the extremely low no-load power consumption below 0.075W, SGA12E
is compliant with EU ErP and meet CoC version 5. The supreme feature allows the adaptor to save the
energy when it is under either the operating mode or the standby mode. The entire series is approved
for international safety regulations; moreover, it adopts the 94V-0 flame retardant plastic c ase that it
can effectively prevent users from electric hazards.
C+ tuning fork type
P1J: Plug for standard model, 2.1
5 5
11mm,
ψ×
ψ×
.
USB: USB (type A) for 5V standard model only
Optional plug type available per request
{


Similar Part No. - SGA12E09-P1J

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA1263Z RFMD-SGA1263Z Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA1263Z-EVB1 RFMD-SGA1263Z-EVB1 Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA1263ZSQ RFMD-SGA1263ZSQ Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA1263ZSR RFMD-SGA1263ZSR Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
logo
Mean Well Enterprises C...
SGA12U MEANWELL-SGA12U Datasheet
94Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
More results

Similar Description - SGA12E09-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA12U MEANWELL-SGA12U Datasheet
94Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25E MEANWELL-SGA25E Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40E MEANWELL-SGA40E Datasheet
84Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U MEANWELL-SGA40U Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60E MEANWELL-SGA60E Datasheet
88Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60U MEANWELL-SGA60U Datasheet
75Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18U MEANWELL-SGA18U Datasheet
75Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18E MEANWELL-SGA18E Datasheet
87Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25U MEANWELL-SGA25U Datasheet
74Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
GEM12I MEANWELL-GEM12I Datasheet
169Kb / 4P
   12W AC-DC High Reliability Interchangeable Medical Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com