Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWM-120-24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PWM-120-24
Description  120W PWM output LED power supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PWM-120-24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PWM-120-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PWM-120-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PWM-120-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PWM-120-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. PWM-120-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. PWM-120-24 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
■ Description
PWM-120 is one 120W waterproof constant-voltage output LED power supply series. Differentiating from
general DC output power supplies,PWM-120 transmits PWM style output,adapting to directly driving all
kinds of LED strips that the color temperature can be maintained and the brightness homogeneity can be
assured. Adopting a universal input range between 90VAC and 305VAC and incorporating the built-in
PFC function,this series is also designed witha3in1 dimming function (0~10Vdc,PWM signal
)
or resistance
that simplifies the brightness adjustment for system designers so as to achieve light reduction and energy
conservation.
Providing a high efficiency up to 90.5% and a low no load power consumption below 0.5W,PWM-120 can
satisfy the energy saving demand for the new generation LED lighting. The class
design (without FG pin)
and the double insulation weather-resistant cable (SJTW) on the input side make it convenient for users
to flexibly install on various types of lighting systems. The enclosure design is a 94V-0 flame retardant
plastic case. The interior is fully potted with silicone that enhances the heat dissipation and allows PWM-120
to meet the anti-vibration demand up to 5G; it also thus conforms to IP67 level,enabling PWM-120 to be
used in a highly dusty and highly humid harsh environment. The entire series can operate under the
temperature between -40~+70 and comply with the relevant global lighting safety certification.
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
Constant voltage PWM style output
Dimming range : 0~100%
High efficiency up to 90.5%
Protections: Short circuit / Over load / Over voltage
/ Over temperature
Class
power unit,no FG
Built-in 3 in 1 dimming function
(0~10Vdc or PWM signal or resistance)
Suitable for dry / damp / wet locations
No load power consumption<0.5W
5 years warranty
LED strip lighting
Indoor LED lighting
LED decorative lighting
Architecture lighting
■ Features
■ Applications
120W PWM output LED power supply
PWM-120 series
File Name:PWM-120-SPEC 2015-10-17
IP67
FM
M
110
SELV
05
■ Model Encoding
-12
PWM - 120
Output voltage
Output wattage
Series name


Similar Part No. - PWM-120-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PWM-120-24BLE MEANWELL-PWM-120-24BLE Datasheet
955Kb / 8P
   120W Wireless Lighting Constant Voltage LED Driver Solution
PWM-120-24KN MEANWELL-PWM-120-24KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-120-24KN MEANWELL-PWM-120-24KN Datasheet
748Kb / 7P
   120W Constant Voltage PWM Output KNX LED Driver
2022-02-18
PWM-120-24KNBST MEANWELL-PWM-120-24KNBST Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-120-24KNBST MEANWELL-PWM-120-24KNBST Datasheet
748Kb / 7P
   120W Constant Voltage PWM Output KNX LED Driver
2022-02-18
More results

Similar Description - PWM-120-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PWM-120-KN MEANWELL-PWM-120-KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-60 MEANWELL-PWM-60 Datasheet
155Kb / 6P
   60W PWM output LED power supply
PWM-40 MEANWELL-PWM-40 Datasheet
156Kb / 6P
   40W PWM output LED power supply
PWM-90 MEANWELL-PWM-90 Datasheet
110Kb / 6P
   90W PWM output LED power supply
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
logo
Astrodyne Corporation
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120 Datasheet
453Kb / 2P
   120W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com