Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWM-120 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # PWM-120
Description  120W PWM output LED power supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PWM-120 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  PWM-120 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PWM-120 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PWM-120 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PWM-120 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. PWM-120 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. PWM-120 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
120W PWM output LED power supply
PWM-120 series
Installation Manual
AC/L(BROWN)
AC/N(BLUE)
◎Connection
◎Cautions
Before commencing any installation or maintenance work, please disconnect the power supply from the utility. Ensure
that it cannot be re-connected inadvertently!
Keep proper ventilation around the unit and do not stack any object on it. Also a 10-15 cm clearance must be kept when
the adjacent device is a heat source.
Mounting orientations other than standard orientation or operate under high ambient temperature may increase the
internal component temperature and will require a de-rating in output current.
Current rating of an approved primary /secondary cable should be greater than or equal to that of the unit. Please refer
to its specification.
For LED power supplies with waterproof connectors, verify that the linkage between the unit and the lighting fixture is
tight so that water cannot intrude into the system.
For dimmable LED power supplies, make sure that your dimming controller is capable of driving these units.PWM series
require 0.15mA each unit.
Tc max. is identified on the product label. Please make sure that temperature of Tc point will not exceed limit.
DO NOT connect "DIM+ to -V".
Suitable for indoor use or outdoor use without direct sunlight exposure. Please avoid immerse in the water over 30
minutes.
The power supply is considered as a component that will be operated in combination with final equipment. Since EMC
performance will be affected by the complete installation, the final equipment manufacturers must re-qualify EMC
Directive on the complete installation again.
For more information about installation, please refer to www.meanwell.com/webnet/search/installationsearch.html
for details.
File Name:PWM-120-SPEC 2015-10-17
+V(RED)
-V(BLACK)
DIM-(WHITE)
DIM+(BLUE)
LED Strip
0~10Vdc or 10V PWM
or resistance Dimmer


Similar Part No. - PWM-120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PWM-120-12BLE MEANWELL-PWM-120-12BLE Datasheet
955Kb / 8P
   120W Wireless Lighting Constant Voltage LED Driver Solution
PWM-120-12KN MEANWELL-PWM-120-12KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-120-12KN MEANWELL-PWM-120-12KN Datasheet
748Kb / 7P
   120W Constant Voltage PWM Output KNX LED Driver
2022-02-18
PWM-120-12KNBST MEANWELL-PWM-120-12KNBST Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-120-12KNBST MEANWELL-PWM-120-12KNBST Datasheet
748Kb / 7P
   120W Constant Voltage PWM Output KNX LED Driver
2022-02-18
More results

Similar Description - PWM-120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PWM-120-KN MEANWELL-PWM-120-KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-60 MEANWELL-PWM-60 Datasheet
155Kb / 6P
   60W PWM output LED power supply
PWM-40 MEANWELL-PWM-40 Datasheet
156Kb / 6P
   40W PWM output LED power supply
PWM-90 MEANWELL-PWM-90 Datasheet
110Kb / 6P
   90W PWM output LED power supply
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
logo
Astrodyne Corporation
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120 Datasheet
453Kb / 2P
   120W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com