Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWM-40-24 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # PWM-40-24
Description  40W PWM output LED power supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PWM-40-24 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  PWM-40-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PWM-40-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PWM-40-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PWM-40-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. PWM-40-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. PWM-40-24 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
The PWM style output is a simple switching of supply ON/OFF at a rate so fast that the human eye cannot see led flickering.
Duty cycle describes the proportion of time when output voltage is on relative to the entire period of time. It is expressed
in percentage, 100% being fully on (maximal brightness) and a low duty cycle corresponding to lower brightness.
DIMMING OPERATION
◎ Connection
LED Strips
+V
-V
DIM+
DIM-
+
+
+
-
-
-
“DO NOT connect "DIM- to -V"
40W PWM output LED power supply
PWM-40 series
Built-in 3 in 1 dimming function. The duty of the PWM style output can be adjusted through output cable by connecting
a 0~10Vdc or 10V PWM signal or resistance between DIM+ and DIM-.
0~10Vdc or 10V PWM or resistance control dimmer
LOAD
PWM-40 series possess superior working efficiency that up to 90% can be reached in field applications.
EFFICIENCY vs LOAD (48V Model)
75%
77%
79%
81%
83%
85%
87%
89%
91%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
277V
230V
115V
File Name:PWM-40-SPEC 2015-10-17


Similar Part No. - PWM-40-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PWM-120 MEANWELL-PWM-120 Datasheet
124Kb / 6P
   120W PWM output LED power supply
PWM-120-12 MEANWELL-PWM-120-12 Datasheet
124Kb / 6P
   120W PWM output LED power supply
PWM-120-12BLE MEANWELL-PWM-120-12BLE Datasheet
955Kb / 8P
   120W Wireless Lighting Constant Voltage LED Driver Solution
PWM-120-12KN MEANWELL-PWM-120-12KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-120-12KN MEANWELL-PWM-120-12KN Datasheet
748Kb / 7P
   120W Constant Voltage PWM Output KNX LED Driver
2022-02-18
More results

Similar Description - PWM-40-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LCM-40 MEANWELL-LCM-40 Datasheet
229Kb / 5P
   40W Multiple-Stage Output Current LED Power Supply
LCM-40DA MEANWELL-LCM-40DA Datasheet
214Kb / 5P
   40W Multiple-Stage Output Current LED Power Supply
PLD-40 MEANWELL-PLD-40 Datasheet
603Kb / 3P
   40W Single Output AC Dimmable LED Power Supply
PWM-60 MEANWELL-PWM-60 Datasheet
155Kb / 6P
   60W PWM output LED power supply
PWM-120 MEANWELL-PWM-120 Datasheet
124Kb / 6P
   120W PWM output LED power supply
PWM-90 MEANWELL-PWM-90 Datasheet
110Kb / 6P
   90W PWM output LED power supply
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
T-40 MEANWELL-T-40 Datasheet
387Kb / 2P
   40W Triple Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com