Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPF-120D-48 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-120D-48
Description  120W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-120D-48 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  NPF-120D-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-120D-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-120D-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-120D-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-120D-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NPF-120D-48 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
10%
20%
30%
40% 50%
60%
7 0%
80% 90% 100%
277V
230V
115V
DETECTION
PWM & PFC
CIRCUIT
O.L.P.
O.T.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
DIM+
DIM-
Block Diagram
INPUT VOLTAGE (V) 60Hz
90
100
125
135
145
155
165
175
180
200
230
305
100
90
80
70
60
50
40
Derating Curve
Derating Curve
Static Characteristics
AMBIENT TEMPERATURE (
)
175
LOAD
(120W)
Power Factor Characteristic
PFC fosc : 50~120KHz
PWM fosc : 60~130KHz
230VAC
Input only
20
40
60
80
100
(HORIZONTAL)
-25
0
15
30
040
50
-40
60
70
50
45
12,15V only
120W Single Output Switching Power Supply
NPF-120D series
Constant Current Mode
File Name:NPF-120D-SPEC 2015-11-30


Similar Part No. - NPF-120D-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-120 MEANWELL-NPF-120 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120-12 MEANWELL-NPF-120-12 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120-15 MEANWELL-NPF-120-15 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120-20 MEANWELL-NPF-120-20 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120-24 MEANWELL-NPF-120-24 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
More results

Similar Description - NPF-120D-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
HLG-120H MEANWELL-HLG-120H Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
NPF-120 MEANWELL-NPF-120 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
HLG-120H MEANWELL-HLG-120H_12 Datasheet
257Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H_1107 MEANWELL-HLG-120H_1107 Datasheet
351Kb / 6P
   120W Single Output Switching Power Supply
HLG-120 MEANWELL-HLG-120 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120 MEANWELL-HLG-120_12 Datasheet
372Kb / 6P
   120W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com