Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OWA-90U-30 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # OWA-90U-30
Description  90W Single Output Moistureproof Adaptor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

OWA-90U-30 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  OWA-90U-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. OWA-90U-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. OWA-90U-30 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. OWA-90U-30 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. OWA-90U-30 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. OWA-90U-30 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION
OWA-90U series
MODEL
DC VOLTAGE
RATED CURRENT
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME Note.4
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY
(Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER CURRENT
OVER VOLTAGE
OVER TEMPERATURE
500ms, 80ms at 95% load
115VAC / 230VAC
16ms at full load
115VAC / 230VAC
90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz
PF>0.98/115VAC, PF>0.96/230VAC at full load
0.95A / 115VAC
0.5A / 230VAC
<0.125mA / 120VAC
<0.25mA / 240VAC
95 ~ 108%
Protection type : Constant current limiting, recovers automatically after fault condition is removed
-40 ~ +70
(Refer to "Derating Curve")
20 ~ 95% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes
292.8K hrs min.
MIL-HDBK-217F (25
)
171*63*37.5mm
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel
capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
0.83Kg; 16pcs/14.3Kg/1.01CUFT
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
PROTECTION
Shut down o/p voltage, re-power on to recover
SHORT CIRCUIT
Hiccup mode, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
COLD START 30A (twidth=550 s measured at 50% Ipeak) at 115VAC
COLD START 60A (twidth=550 s measured at 50% Ipeak) at 230VAC
15 ~ 17V
17.5 ~ 21V 23 ~ 27V
28 ~ 34V
34 ~ 40V
41 ~ 46V
46 ~ 54V
54 ~ 60V
59 ~ 66V
88%
89%
89%
90%
89%
90%
89%
90%
89%
90%
89.5%
91%
89.5%
91%
89.5%
91%
89.5%
91%
±4.0%
±4.0%
±4.0%
±3.0%
±3.0%
±2.0%
±1.0%
±1.0%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±1.5%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
12V
15V
20V
24V
30V
36V
42V
48V
54V
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
200mVp-p
250mVp-p
250mVp-p
350mVp-p
7.5A
6A
4.5A
3.75A
3A
2.5A
2.15A
1.88A
1.67A
90W
90W
90W
90W
90W
90W
90.3W
90.24W
90.18W
SAFETY &
EMC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
SAFETY STANDARDS
Compliance to FCC Part15
EMC EMISSION
Ul8750 listed, CSA C22.2 No. 250.13-12(except for 42V, 48V, 54V); IP67
approved
(for main body )
TOTAL HARMONIC DISTORTION THD< 20% when output loading
60% at 115VAC/230VAC
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
μ
μ
OWA-90U-12 OWA-90U-15 OWA-90U-20 OWA-90U-24 OWA-90U-30 OWA-90U-36 OWA-90U-42 OWA-90U-48 OWA-90U-54
CONSTANT CURRENT REGION
9 ~ 15V
7.2 ~ 12V
12 ~ 20V
14.4 ~ 24V 18 ~ 30V
21.6 ~ 36V
28.8 ~ 48V 32.4 ~ 54V
25.2 ~ 42V
115VAC
230VAC
File Name:OWA-90U-SPEC 2015-09-07
90W Single Output Moistureproof Adaptor
MAX. NO. of PSUs on 16A
CIRCUIT BREAKER
3 units (circuit breaker of type B) / 6 units (circuit breaker of type C) at 230VAC


Similar Part No. - OWA-90U-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-90E MEANWELL-OWA-90E Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
OWA-90E-12 MEANWELL-OWA-90E-12 Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
OWA-90E-15 MEANWELL-OWA-90E-15 Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
OWA-90E-20 MEANWELL-OWA-90E-20 Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
OWA-90E-24 MEANWELL-OWA-90E-24 Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
More results

Similar Description - OWA-90U-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-90E MEANWELL-OWA-90E Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
OWA-120E MEANWELL-OWA-120E Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-60E MEANWELL-OWA-60E Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-200E MEANWELL-OWA-200E Datasheet
734Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-200U MEANWELL-OWA-200U Datasheet
714Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-60U MEANWELL-OWA-60U Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-120U MEANWELL-OWA-120U Datasheet
104Kb / 5P
   120W Single Output Moistureproof Adaptor
logo
SL Power Electronics
TE90 SLPOWER-TE90 Datasheet
872Kb / 5P
   90W Single Output External Power
logo
Mean Well Enterprises C...
LPF-90D_1108 MEANWELL-LPF-90D_1108 Datasheet
250Kb / 4P
   90W Single Output Switching Power Supply
NPF-90 MEANWELL-NPF-90 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com