Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPF-120D-30 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-120D-30
Description  120W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-120D-30 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  NPF-120D-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-120D-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-120D-30 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-120D-30 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-120D-30 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NPF-120D-30 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION
120W Single Output Switching Power Supply
NPF-120D series
File Name:NPF-120D-SPEC 2015-11-30
SPECIFICATION
MODEL
DC VOLTAGE
CONSTANT CURRENT REGION
RATED CURRENT
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME Note.4
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT(Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER CURRENT
OVER VOLTAGE
OVER TEMPERATURE
16ms/230VAC
16ms/115VAC at full load
90 ~ 305VAC
127 ~ 431VDC
47 ~ 63Hz
<0.25mA / 277VAC
95 ~ 108%
Protection type : Constant current limiting, recovers automatically after fault condition is removed
Compliance to EN55015, EN61000-3-2 Class C (
60% load) ; EN61000-3-3
Compliance to EN61000-4-2,3,4,5,6,8,11; EN61547, light industry level(surge 2KV), criteria A
20 ~ 95% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes
233.9K hrs min.
MIL-HDBK-217F (25
)
191*63*37.5mm (L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidthby using a 12" twisted pair-wire terminated witha 0.1uf & 47uf parallel
capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
Protection type : Shut down o/p voltage, re-power on to recover
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
Shut down o/p voltage, re-power on to recover
500ms, 80ms at 95% load
230VAC / 115VAC
PF>0.97/115VAC, PF>0.96/230VAC, PF>0.94/277VAC at full load (Please refer to "Power Factor Characteristic" curve)
1.3A / 115VAC
0.65A / 230VAC
0.55A / 277VAC
EMC IMMUNITY
EMC EMISSION
COLD START60A(twidth=520 s measured at 50% Ipeak) at 230VAC
μ
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
-40 ~ +70
(Refer to "Derating Curve")
17.5 ~ 21V
15 ~ 17V
23 ~ 27V
28 ~ 34V
34 ~ 40V
41 ~ 46V
54 ~ 60V
46 ~ 54V
59 ~ 66V
88%
87.5%
89%
89.5%
89%
89.5%
90%
89.5%
90%
±4.0%
±4.0%
±4.0%
±4.0%
±3.0%
±2.0%
±1.0%
±1.0%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±1.5%
±2.0%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
15V
12V
NPF-120D-15
NPF-120D-12
NPF-120D-20 NPF-120D-24 NPF-120D-30 NPF-120D-36 NPF-120D-42 NPF-120D-48 NPF-120D-54
20V
24V
30V
36V
48V
8A
10A
6A
5A
3.4A
2.5A
120W
120W
120W
120W
120W
122.4W
120W
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
200mVp-p
250mVp-p
54V
2.3A
124.2W
350mVp-p
42V
2.9A
121.8W
250mVp-p
9 ~ 15V
7.2 ~ 12V
12 ~ 20V
14.4 ~ 24V 18 ~ 30V
21.6 ~ 36V
28.8 ~ 48V 32.4 ~ 54V
25.2 ~ 42V
4A
TOTAL HARMONIC DISTORTION THD< 20% when output loading
60% at 115VAC/230VAC input and output loading
75% at 277VAC input
≧≧
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
0.97Kg; 15pcs/15.6Kg/0.87CUFT
MAX. NO. of PSUs on 16A
CIRCUIT BREAKER
4 units (circuit breaker of type B) / 6 units (circuit breaker of type C) at 230VAC
UL8750, CSA C22.2 No. 250.
, ENEC EN61347-1, EN61347-2-13, EN62384 independent, IP67 approved; Design refer to EN60335-1
13-12
SHORT CIRCUIT
Hiccup mode, recovers automatically after fault condition is removed


Similar Part No. - NPF-120D-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-120 MEANWELL-NPF-120 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120-12 MEANWELL-NPF-120-12 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120-15 MEANWELL-NPF-120-15 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120-20 MEANWELL-NPF-120-20 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120-24 MEANWELL-NPF-120-24 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
More results

Similar Description - NPF-120D-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
HLG-120H MEANWELL-HLG-120H Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
NPF-120 MEANWELL-NPF-120 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
HLG-120H MEANWELL-HLG-120H_12 Datasheet
257Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H_1107 MEANWELL-HLG-120H_1107 Datasheet
351Kb / 6P
   120W Single Output Switching Power Supply
HLG-120 MEANWELL-HLG-120 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120 MEANWELL-HLG-120_12 Datasheet
372Kb / 6P
   120W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com