Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPF-120-36 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-120-36
Description  120W Single Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-120-36 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NPF-120-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-120-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-120-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-120-36 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-120-36 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■ Model Encoding
■ Description
NPF-120 is one 120W waterproof single-output LED power supply series. It adopts the universal input
range from 90VAC to 305VAC and incorporates the built-in PFC function. The enclosure design is a 94V-0
flame retardant plastic case. The interior is fully potted with silicone that enhances the heat dissipation
and allows the power supply to meet the anti-vibration demand up to 5G; it also thus conforms to IP67
level, enabling NPF-120 to be used in a highly dusty and highly humid harsh environment.
Providing a high efficiency up to 90.5% and a low no load power consumption below 0.15W, NPF-120 can
meet the energy saving demand for the new generation LED lighting. The class
design (no FG) and the
double insulation weather-resistant cable (SJTW) on the input side make it convenient for users to flexibly
install on various types of lighting systems. The entire series can operate under the temperature between
-40~+70 and comply with the relevant global lighting safety certification.
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
High efficiency up to 90.5%
Protections: Short circuit / Over current / Over voltage
/ Over temperature
Cooling by free air convection
Fully isolated plastic case
Fully encapsulated with IP67 level
Class
power unit, no FG
Suitable for dry / damp / wet locations
No load power consumption<0.15W
5 years warranty
Indoor LED lighting
LED decorative lighting
LED architecture lighting
Moving sign
Tunnel lighting
■ Features
■ Applications
120W Single Output Switching Power Supply
NPF-120 series
Output voltage
Output wattage
Series name
-12
NPF - 120
File Name:NPF-120-SPEC 2015-06-02
IP67
FM
M
110
SELV
05


Similar Part No. - NPF-120-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-120D MEANWELL-NPF-120D Datasheet
117Kb / 6P
   120W Single Output Switching Power Supply
NPF-120D-12 MEANWELL-NPF-120D-12 Datasheet
117Kb / 6P
   120W Single Output Switching Power Supply
NPF-120D-15 MEANWELL-NPF-120D-15 Datasheet
117Kb / 6P
   120W Single Output Switching Power Supply
NPF-120D-20 MEANWELL-NPF-120D-20 Datasheet
117Kb / 6P
   120W Single Output Switching Power Supply
NPF-120D-24 MEANWELL-NPF-120D-24 Datasheet
117Kb / 6P
   120W Single Output Switching Power Supply
More results

Similar Description - NPF-120-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
HLG-120H MEANWELL-HLG-120H Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
NPF-120D MEANWELL-NPF-120D Datasheet
117Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H MEANWELL-HLG-120H_12 Datasheet
257Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H_1107 MEANWELL-HLG-120H_1107 Datasheet
351Kb / 6P
   120W Single Output Switching Power Supply
HLG-120 MEANWELL-HLG-120 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120 MEANWELL-HLG-120_12 Datasheet
372Kb / 6P
   120W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com