Electronic Components Datasheet Search |
|
NPF-90D-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd. |
|
NPF-90D-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd. |
1 / 6 page 90W Single Output Switching Power Supply NPF-90D series ■ Model Encoding ■ Description NPF-90D is one 90W waterproof single-output LED power supply series. In addition to the fundamental resistance) that simplifies the brightness adjustment for system designers so as to achieve light reduction and energy saving. The entire series adopts the universal input range from 90VAC to 305VAC and incorporates a built-in PFC function. The enclosure design is a 94V-0 flame retardant plastic case. The interior is fully potted with silicone that enhances the heat dissipation and allows the power supply to meet the anti-vibration demand up to 5G; it also thus conforms to IP67 level, enabling NPF-90D to be used in a highly dusty and highly humid harsh environment. Providing a high efficiency up to 90.5% and a low no load power consumption below 0.5W, NPF-90D can meet the energy saving demand for the new generation LED lighting. The class design (without FG pin) Ⅱ and the double insulation weather-resistant cable (SJTW) make it convenient for users to flexibly install on various types of lighting systems. The entire series can operate under the temperature between -40~ +70 and comply with the relevant global lighting safety certification. ℃ Universal AC input / Full range (up to 305VAC) Built-in active PFC function High efficiency up to 90.5% Protections: Short circuit / Over current / Over voltage / Over temperature Cooling by free air convection Fully isolated plasticcase Fully encapsulated with IP67 level Ⅱ Class power unit, no FG Built-in 3 in 1 dimming function (0~10Vdc or PWM signal or resistance) Suitable for dry / damp / wet locations No load power consumption<0.5W 5 years warranty Indoor LED lighting LED decorative lighting LED architecture lighting Moving sign Tunnel lighting ■ Features ■ Applications IP67 FM M 110 SELV Output voltage Built-in 3 in 1 dimming function Output wattage Series name - D12 NPF - 90 File Name:NPF-90D-SPEC 2015-11-30 LED driving function, NPF-90D is equipped with built-in 3 in 1 dimming function (0~10Vdc, PWM signal or |
Similar Part No. - NPF-90D-15 |
|
Similar Description - NPF-90D-15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |